Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C12495-111L Fiches technique(PDF) 4 Page - Hamamatsu Corporation

No de pièce C12495-111L
Description  Infrared detector modules with preamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12495-111L Fiches technique(HTML) 4 Page - Hamamatsu Corporation

  C12495-111L Datasheet HTML 1Page - Hamamatsu Corporation C12495-111L Datasheet HTML 2Page - Hamamatsu Corporation C12495-111L Datasheet HTML 3Page - Hamamatsu Corporation C12495-111L Datasheet HTML 4Page - Hamamatsu Corporation C12495-111L Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Infrared detector modules with preamp
Thermoelectrically cooled type
4
Note: The cooling fin (front side) is removable. The cooling performance is not guaranteed if removed.
Note: Remove the braid from the shield cable and keep the wires together.
KIRDA00235EA
C12495-111L
92
4.85 ± 0.2
40
26 ± 0.3
Tolerance unless otherwise noted: ±1
(4×) 3.2 depth 14.5 + M3 depth 5
(for M3 countersunk screw)
92
2
(4 ×) M3 Depth 5 (threaded hole)
BNC connector (signal output)
6-pin connector (voltage input)
Offset voltage adjustment screw
0.7 ± 0.4
62.8 ± 0.3
27.2
Photosensitive
area
Photosensitive
surface
Cooling fin
(front side)
Cable (for DC power supply) A4372-07
KIRDA0241EA
1900 ± 10
90 ± 10
36
10 ± 2
Solder
processing
Connector: LF07WBP-6P
(made by Hirose Electric)
Plug (looking into the plug)
Note: With shield wire
Pin connection
Pin no.
+2.5 V or +4.5 V
Power supply for cooling controller
GND
Power supply for cooling controller
Output for temperature monitor
+15 V
-15 V
GND
Lead color
Red
Blue
Light green
Yellow
White
Black
Tolerance unless otherwise noted: ±1


Numéro de pièce similaire - C12495-111L

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C12495-111L HAMAMATSU-C12495-111L Datasheet
145Kb / 5P
Infrared detector modules with preamp
More results

Description similaire - C12495-111L

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
Infrared detector module with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
Infrared detector modules with preamp
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com