Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1403000000 Fiches technique(PDF) 154 Page - List of Unclassifed Manufacturers

No de pièce 1403000000
Description  Let RoseBopla be your partner for standard or customized enclosures.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

1403000000 Fiches technique(HTML) 154 Page - List of Unclassifed Manufacturers

Back Button 1403000000 Datasheet HTML 150Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 151Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 152Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 153Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 154Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 155Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 157Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 158Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 164 page
background image
www.Rose-Bopla.com
152
Tolerances
Shape
dependency
over
6
up to
10
Spatial
diagonal
area
Aluminum
Degree of
exactitude
up to
3
over
3
up to
6
Nominal dimensional area
Table 2. Tolerances of dimensions for wall thicknesses, ledges and ribs.
Intrinsic
Non-Intrinsic
Intrinsic
Non-Intrinsic
Intrinsic
Non-Intrinsic
Intrinsic
Non-Intrinsic
±0.15
±0.25
±0.20
±0.35
±0.25
±0.45
±0.30
±0.55
±0.20
±0.30
±0.25
±0.40
±0.30
±0.50
±0.40
±0.65
±0.20
±0.30
±0.30
±0.45
±0.35
±0.55
±0.45
±0.70
GTA 13
GTA 13/5
GTA 14
GTA 14/5
up to 180
over 50
up to 500
over 180
over 500
Intrinsic dimensions are those in the same parts of the tool.
Non-intrinsic dimensions are those created by the interaction of movable tool components, e.g. wall thickness and base
thickness or dimensions affected by additives or extenders.
TOLERANCES FOR
PRESSURE DIECASTINGS (DIN
1688)* CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More