Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM54HP Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce PCM54HP
Description  16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM54HP Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  PCM54HP Datasheet HTML 1Page - Burr-Brown (TI) PCM54HP Datasheet HTML 2Page - Burr-Brown (TI) PCM54HP Datasheet HTML 3Page - Burr-Brown (TI) PCM54HP Datasheet HTML 4Page - Burr-Brown (TI) PCM54HP Datasheet HTML 5Page - Burr-Brown (TI) PCM54HP Datasheet HTML 6Page - Burr-Brown (TI) PCM54HP Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
®
PCM54/55
5
POWER SUPPLY SENSITIVITY
Changes in the DC power supplies will affect accuracy.
The PCM54 and PCM55 power supply sensitivity is shown
by Figure 2. Normally, regulated power supplies with 1% or
less ripple are recommended for use with the DAC. See also
Power Supply Connections paragraph in the Installation and
Operating Instructions section.
SETTLING TIME
Settling time is the total time (including slew time) required
for the output to settle within an error band around its final
value after a change in input (see Figure 3).
Settling times are specified to
±0.006% of FSR; one for a
large output voltage change of 3V and one for a 1LSB
change. The 1LSB change is measured at the major carry
(0111…11 to 10000.00), the point at which the worst-case
settling time occurs.
STABILITY WITH TIME AND TEMPERATURE
The parameters of a D/A converter designed for audio
applications should be stable over a relatively wide tempera-
ture range and over long periods of time to avoid undesirable
periodic readjustment. The most important parameters are
bipolar zero, differential linearity error, and total harmonic
distortion. Most of the offset and gain drift with temperature
or time is due to the drift of the internal reference zener
diode. The PCM54 and PCM55 are designed so that these
drifts are in opposite directions so that the bipolar zero
voltage is virtually unaffected by variations in the reference
voltage. Both DLE and THD are dependent upon the match-
ing and tracking of resistor ratios and upon VBE and hFE of
the current-source transistors. The PCM54 and PCM55 were
designed so that any absolute shift in these components has
virtually no effect on DLE or THD. The resistors are made
of identical links of ultra-stable nichrome thin-film. The
current density in these resistors is very low to further
enhance their stability.
DYNAMIC RANGE
The dynamic range is a measure of the ratio of the smallest
signals the converter can produce to the full-scale range and
is usually expressed in decibels (dB). The theoretical dy-
namic range of a converter is approximately 6 x n, or about
96dB for a 16-bit converter. The actual, or useful, dynamic
range is limited by noise and linearity errors and is therefore
somewhat less than the theoretical limit. However, this does
point out that a resolution of at least 16 bits is required to
obtain a 90dB minimum dynamic range, regardless of the
accuracy of the converter. Another specification that is
useful for audio applications is total harmonic distortion.
TOTAL HARMONIC DISTORTION
THD is useful in audio applications and is a measure of the
magnitude and distribution of the linearity error, differential
linearity error, and noise as well as quantization error. To be
useful, THD should be specified for both high level and low
level input signals. This error is unadjustable and is the most
meaningful indicator of D/A converter accuracy for audio
applications.
The THD is defined as the ratio of the square root of the sum
of the squares of the values of the harmonics to the value of
the fundamental input frequency and is expressed in percent
or dB. The rms value of the PCM54/55 error referred to the
input can be shown to be:
(1)
where n is the number of samples in one cycle of any given
sine wave, EL(i) is the linearity error of the PCM54 or
PCM55 at each sampling point, and EQ(i) is the quantization
10.0
3.0
1.0
0.30
0.10
0.03
0.01
0.003
0.001
510
15
±V
CC Supplies (V)
0dB
–60dB
–20dB
FIGURE 2. Effects of
±V
CC on Total Harmonic Distortion
(PCM54JP; VCCswithapproximately2%ripple).
ε
rms
i
n
LQ
n
ii
=+
=
1
1
2
Σ ΕΕ
[( )
( )]
FIGURE 3. Full-Scale Range Settling Time vs Accuracy.
1.0
0.3
0.1
0.03
0.01
0.003
0.001
0.01
0.1
1.0
10.0
Settling Time (
µs)
R
L = 200Ω
Current
Output
Mode
Voltage
Output
Mode


Numéro de pièce similaire - PCM54HP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM54HP TI1-PCM54HP Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - PCM54HP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com