Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM54HP Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce PCM54HP
Description  16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM54HP Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  PCM54HP Datasheet HTML 1Page - Burr-Brown (TI) PCM54HP Datasheet HTML 2Page - Burr-Brown (TI) PCM54HP Datasheet HTML 3Page - Burr-Brown (TI) PCM54HP Datasheet HTML 4Page - Burr-Brown (TI) PCM54HP Datasheet HTML 5Page - Burr-Brown (TI) PCM54HP Datasheet HTML 6Page - Burr-Brown (TI) PCM54HP Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
®
PCM54/55
4
DISCUSSION OF
SPECIFICATIONS
The PCM54 and PCM55 are specified to provide critical
performance criteria for a wide variety of applications. The
most critical specifications for a D/A converter in audio
applications are total harmonic distortion, differential linear-
ity error, bipolar zero error, parameter shifts with time and
temperature, and settling time effects on accuracy.
The PCM54 and PCM55 are factory-trimmed and tested for
all critical key specifications.
The accuracy of a D/A converter is described by the transfer
function shown in Figure 1. Digital input to analog output
relationship is shown in Table I. The errors in the D/A
converter are combinations of analog errors due to the linear
circuitry, matching and tracking properties of the ladder and
scaling networks, power supply rejection, and reference
errors. In summary, these errors consist of initial errors
including gain, offset, linearity, differential linearity, and
power supply sensitivity. Gain drift over temperature rotates
the line (Figure 1) about the bipolar zero point and offset
drift shifts the line left or right over the operating tempera-
ture range. Most of the offset and gain drift with temperature
or time is due to the drift of the internal reference zener
diode. The converter is designed so that these drifts are in
opposite directions. This way, the bipolar zero voltage is
virtually unaffected by variations in the reference voltage.
DIGITAL INPUT CODES
The PCM54 and PCM55 accept complementary digital
input codes in any of three binary formats (CSB, unipolar; or
COB, bipolar; or CTC, Complementary Two’s Comple-
ment, bipolar). See Table II.
Gain
Drift
Offset
Drift
Bipolar
Zero
–FSR/2
(+FSR/2) –1LSB
Analog Output
0000…0000
0000…0001
0111…1101
0111…1110
0111…1111
1000…0000
1000…0001
1111…1110
1111…1111
All Bits
On
* See Table I for digital code definitions.
FIGURE 1. Input vs Output for an Ideal Bipolar D/A
Converter.
ANALOG OUTPUT
Digital
Complementary
Complementary
Complementary
Input
Straight Binary
Offset Binary
Two’s Complement
Codes
(CSB)
(COB)
(CTS)(1)
0000H
+Full Scale
+Full Scale
–1LSB
7FFFH
+1/2 Full Scale
Bipolar Zero
–Full Scale
8000H
+1/2 Full Scale
–1LSB
+Full Scale
–1LSB
FFFFH
Zero
–Full Scale
Bipolar Zero
NOTE: (1) Invert the MSB of the COB code with an external inverter to obtain
CTC code.
TABLE II. Digital Input Codes.
BIPOLAR ZERO ERROR
Initial Bipolar Zero (BPZ) error (Bit 1 “ON” and all other
bits “OFF”) is the deviation from 0V out and is factory-
trimmed to typically
±10mV at +25°C.
DIFFERENTIAL LINEARITY ERROR
Differential Linearity Error (DLE) is the deviation from an
ideal 1LSB change from one adjacent output state to the
next. DLE is important in audio applications because exces-
sive DLE at bipolar zero (at the “major carry”) can result in
audible crossover distortion for low level output signals.
Initial DLE on the PCM54 and PCM55 is factory-trimmed
to typically
±0.001% of FSR. This error is adjustable to zero
using the circuit shown in the connection diagram (PCM54
only).
VOLTAGE OUTPUT MODE
Analog Output
Unipolar(1)
Bipolar
Digital Input Code
16-Bit
15-Bit
14-Bit
16-Bit
15-Bit
14-Bit
One LSB
(
µV)
91.6
183
366
91.6
183
366
0000H
(V)
+5.99991
+5.99982
+5.99963
+2.99991
+2.99982
+2.99963
FFFFH
(V)
0
0
0
–3.0000
–3.0000
–3.0000
CURRENT OUTPUT MODE
Analog Output
Unipolar
Bipolar
Digital Input Code
16-Bit
15-Bit
14-Bit
16-Bit
15-Bit
14-Bit
One LSB
(
µA)
0.031
0.061
0.122
0.031
0.061
0.122
0000H
(mA)
–1.99997
–1.99994
–1.99988
–0.99997
–0.99994
–0.99988
FFFFH
(mA)
0
0
0
+1.00000
+1.00000
+1.00000
NOTE: (1) +VCC must be at least +8.5VDC to allow output to swing to +6.0VDC.
TABLE I. Digital Input to Analog Output Relationship.


Numéro de pièce similaire - PCM54HP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM54HP TI1-PCM54HP Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - PCM54HP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com