Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM54HP Fiches technique(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce PCM54HP
Description  16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM54HP Fiches technique(HTML) 3 Page - Burr-Brown (TI)

  PCM54HP Datasheet HTML 1Page - Burr-Brown (TI) PCM54HP Datasheet HTML 2Page - Burr-Brown (TI) PCM54HP Datasheet HTML 3Page - Burr-Brown (TI) PCM54HP Datasheet HTML 4Page - Burr-Brown (TI) PCM54HP Datasheet HTML 5Page - Burr-Brown (TI) PCM54HP Datasheet HTML 6Page - Burr-Brown (TI) PCM54HP Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
®
PCM54/55
3
CONNECTION DIAGRAMS
PIN
PCM54-DIP
PIN
PCM54-DIP
1
Trim
15
Bit 13
2
Bit 1 (MSB)
16
Bit 14
3
Bit 2
17
Bit 15
4
NC
18
Bit 16 (LSB)
5
Bit 3
19
VOUT
6
Bit 4
20
RFB
7
Bit 5
21
SJ
8
Bit 6
22
Common
9
Bit 7
23
IOUT
10
Bit 8
24
NC
11
Bit 9
25
IBPO
12
Bit 10
26
+VCC
13
Bit 11
27
MSB Adjust
14
Bit 12
28
–VCC
PIN ASSIGNMENTS
PIN
PCM55-SOIC
PIN
PCM55-SOIC
1
Bit 1 (MSB)
13
Bit 13
2
Bit 2
14
Bit 14
3
Bit 3
15
Bit 15
4
Bit 4
16
Bit 16
5
Bit 5
17
VOUT
6
Bit 6
18
Feedback Resistor
7
Bit 7
19
Summing Junction
8
Bit 8
20
Common
9
Bit 9
21
Current Output
10
Bit 10
22
Bipolar Offset
11
Bit 11
23
+VCC
12
Bit 12
24
–VCC
PIN ASSIGNMENTS
DC Supply Voltage ......................................................................
±18VDC
Input Logic Voltage ............................................................... –1V to +5.5V
Power Dissipation .................................. PCM54 800mW, PCM55 400mW
Storage Temperature ...................................................... –55
°C to +100°C
Lead Temperature, (soldering, 10s) .............................................. +300
°C
ABSOLUTE MAXIMUM RATINGS
ORDERING INFORMATION
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
PCM54HP
28-Pin DIP
215
PCM54JP
28-Pin DIP
215
PCM54KP
28-Pin DIP
215
PCM55HP
24-Lead SOIC
178
PCM55JP
24-Lead SOIC
178
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PRODUCT
THD at FS
PACKAGE
PCM54HP
0.008
28-Pin DIP
PCM54JP
0.004
28-Pin DIP
PCM54KP
0.0025
28-Pin DIP
PCM55HP
0.008
24-Lead SOIC
PCM55JP
0.004
24-Lead SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
0.1
µF
PCM54
16-Bit
Ladder
Resistor
Network
and
Switches
Zener
Voltage
Reference
Data
Inputs
1
µF
1
µF
(2)
(3)
+
+
Common
+V
CC
Audio
V
OUT
100k
560k
330k
1M
(1)
–V
CC
(Optional)
24
23
22
21
20
19
18
17
16
15
14
13
1µF
PCM55
16-Bit
Ladder
Resistor
Network
and
Switches
Zener
Voltage
Reference
Data
Inputs
1µF
(2)
+
Common
+V
CC
Audio
V
OUT
(1)
–V
CC
1
2
3
4
5
6
7
8
9
10
11
12
+
(2)
NOTES: (1) MSB error (BPZ differential linearity error) can be adjusted to zero
using this external circuit. (2) Connect to bipolar operation (+VCC ≥ 8.5V for
unipolar operation). (3) Connect for VOUT operation. When VOUT amp is not being
used (IOUT mode), terminate with an external 3kΩ feedback resistor between pin
19 and pin 21, and a 1k
Ω resistor between pin 21 and pin 22 to reduce possible
noise effects.
NOTES: (1) Connect for bipolar operation. (+VCC ≥ 8.5V for unipolar operation.)
(2) Connect for VOUT operation. When VOUT amp is not being used (IOUT mode),
terminate with an external 3k
Ω feedback resistor between pin 17 and pin 19, and
a 1k
Ω resistor between pin 19 and pin 20 to reduce possible noise effects.


Numéro de pièce similaire - PCM54HP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM54HP TI1-PCM54HP Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - PCM54HP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com