Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INA118 Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce INA118
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA118 Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button INA118 Datasheet HTML 3Page - Burr-Brown (TI) INA118 Datasheet HTML 4Page - Burr-Brown (TI) INA118 Datasheet HTML 5Page - Burr-Brown (TI) INA118 Datasheet HTML 6Page - Burr-Brown (TI) INA118 Datasheet HTML 7Page - Burr-Brown (TI) INA118 Datasheet HTML 8Page - Burr-Brown (TI) INA118 Datasheet HTML 9Page - Burr-Brown (TI) INA118 Datasheet HTML 10Page - Burr-Brown (TI) INA118 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
INA118
INA118
47k
47k
INA118
10k
Microphone,
Hydrophone
etc.
Thermocouple
INA118
Center-tap provides
bias current return.
NOISE PERFORMANCE
The INA118 provides very low noise in most applications.
For differential source impedances less than 1k
Ω, the INA103
may provide lower noise. For source impedances greater
than 50k
Ω, the INA111 FET-Input Instrumentation Ampli-
fier may provide lower noise.
Low frequency noise of the INA118 is approximately
0.28
µVp-p measured from 0.1 to 10Hz (G≥100). This pro-
vides dramatically improved noise when compared to state-
of-the-art chopper-stabilized amplifiers.
OFFSET TRIMMING
The INA118 is laser trimmed for low offset voltage and
drift. Most applications require no external offset adjust-
ment. Figure 2 shows an optional circuit for trimming the
output offset voltage. The voltage applied to Ref terminal is
summed at the output. The op amp buffer provides low
impedance at the Ref terminal to preserve good common-
mode rejection.
FIGURE 2. Optional Trimming of Output Offset Voltage.
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA118 is extremely high—
approximately 1010
Ω. However, a path must be provided for
the input bias current of both inputs. This input bias current
is approximately
±5nA. High input impedance means that
this input bias current changes very little with varying input
voltage.
Input circuitry must provide a path for this input bias current
for proper operation. Figure 3 shows various provisions for
an input bias current path. Without a bias current path, the
inputs will float to a potential which exceeds the common-
mode range of the INA118 and the input amplifiers will
saturate.
If the differential source resistance is low, the bias current
return path can be connected to one input (see the thermo-
couple example in Figure 3). With higher source impedance,
using two equal resistors provides a balanced input with
possible advantages of lower input offset voltage due to bias
current and better high-frequency common-mode rejection.
INPUT COMMON-MODE RANGE
The linear input voltage range of the input circuitry of the
INA118 is from approximately 0.6V below the positive
supply voltage to 1V above the negative supply. As a
differential input voltage causes the output voltage to in-
crease, however, the linear input range will be limited by the
output voltage swing of amplifiers A1 and A2. Thus, the
linear common-mode input range is related to the output
voltage of the complete amplifier. This behavior also de-
pends on supply voltage—see performance curves “Input
Common-Mode Range vs Output Voltage”.
Input-overload can produce an output voltage that appears
normal. For example, if an input overload condition drives
both input amplifiers to their positive output swing limit, the
difference voltage measured by the output amplifier will be
near zero. The output of the INA118 will be near 0V even
though both inputs are overloaded.
LOW VOLTAGE OPERATION
The INA118 can be operated on power supplies as low as
±1.35V. Performance of the INA118 remains excellent with
power supplies ranging from
±1.35V to ±18V. Most param-
eters vary only slightly throughout this supply voltage range—
see typical performance curves. Operation at very low sup-
ply voltage requires careful attention to assure that the input
voltages remain within their linear range. Voltage swing
requirements of internal nodes limit the input common-
mode range with low power supply voltage. Typical perfor-
mance curves, “Input Common-Mode Range vs Output
Voltage” show the range of linear operation for a various
supply voltages and gains.
FIGURE 3. Providing an Input Common-Mode Current Path.
10k
OPA177
±10mV
Adjustment Range
100
100
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
R
G
INA118
Ref
V
O
V
IN
V
IN
+


Numéro de pièce similaire - INA118

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
INA118 Precision, Low Power Instrumentation Amplifier
INA118P TI1-INA118P Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118P TI1-INA118P Datasheet
1Mb / 29P
INA118 Precision, Low Power Instrumentation Amplifier
INA118PB TI1-INA118PB Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
More results

Description similaire - INA118

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01 Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com