Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INA118 Fiches technique(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce INA118
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA118 Fiches technique(HTML) 6 Page - Burr-Brown (TI)

Back Button INA118 Datasheet HTML 2Page - Burr-Brown (TI) INA118 Datasheet HTML 3Page - Burr-Brown (TI) INA118 Datasheet HTML 4Page - Burr-Brown (TI) INA118 Datasheet HTML 5Page - Burr-Brown (TI) INA118 Datasheet HTML 6Page - Burr-Brown (TI) INA118 Datasheet HTML 7Page - Burr-Brown (TI) INA118 Datasheet HTML 8Page - Burr-Brown (TI) INA118 Datasheet HTML 9Page - Burr-Brown (TI) INA118 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
INA118
MAXIMUM OUTPUT SWING vs FREQUENCY
32
28
24
20
16
12
8
4
0
100
1k
10k
100k
1M
Frequency (Hz)
G = 10, 100
G = 1
G = 1000
OUTPUT CURRENT LIMIT vs TEMPERATURE
16
14
12
10
8
6
4
2
0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
–|I
CL|
+|I
CL|
OUTPUT VOLTAGE SWING
vs POWER SUPPLY VOLTAGE
V+
(V+) –0.2
(V+) –0.4
(V+) –0.6
(V+) –0.8
(V+) –1
(V–) +0.4
(V–) +0.2
V–
0
±5
±10
±15
±20
Positive
+85°C
+25°C
–40°C
Negative
+85°C
+25°C
–40°C
Power Supply Voltage (V)
R
L = 10kΩ
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
01234
Output Current (mA)
V+
(V+) –0.4
(V+) –0.8
(V–)+0.8
(V–)+0.4
V–
Positive
Negative
V
S ≤ ±5V
V
S = ±15V
Single Power Supply, V– = 0V
Ground-Referred Load
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
5
4
3
2
1
0
–1
–2
–3
–4
–5
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
I
OS
±I
b
OFFSET VOLTAGE vs WARM-UP TIME
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
0.5
1.0
1.5
2.0
2.5
3.0
Time from Power Supply Turn On (ms)
G = 1000
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.


Numéro de pièce similaire - INA118

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
INA118 Precision, Low Power Instrumentation Amplifier
INA118P TI1-INA118P Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118P TI1-INA118P Datasheet
1Mb / 29P
INA118 Precision, Low Power Instrumentation Amplifier
INA118PB TI1-INA118PB Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
More results

Description similaire - INA118

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01 Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com