Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC811 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC811
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC811 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  DAC811 Datasheet HTML 1Page - Burr-Brown (TI) DAC811 Datasheet HTML 2Page - Burr-Brown (TI) DAC811 Datasheet HTML 3Page - Burr-Brown (TI) DAC811 Datasheet HTML 4Page - Burr-Brown (TI) DAC811 Datasheet HTML 5Page - Burr-Brown (TI) DAC811 Datasheet HTML 6Page - Burr-Brown (TI) DAC811 Datasheet HTML 7Page - Burr-Brown (TI) DAC811 Datasheet HTML 8Page - Burr-Brown (TI) DAC811 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
DAC811
4
TIMING DIAGRAMS
DISCUSSION OF
SPECIFICATIONS
INPUT CODES
The DAC811 accepts positive-true binary input codes.
DAC811 may be connected by the user for any one of the
following codes: USB (unipolar straight binary), BOB (bi-
polar offset binary) or, using an external inverter on the
MSB line, BTC (binary two’s complement). See Table I.
DRIFT
Gain drift is a measure of the change in the full scale range
(FSR) output over the specification temperature range. Drift is
expressed in parts per million per degree centigrade
(ppm/
°C). Gain drift is established by testing the full scale
range value (e.g., +FS minus –FS) at high temperature, +25
°C,
and low temperature, calculating the error with respect to the
+25
°C value, and dividing by the temperature change.
Unipolar offset drift is a measure of the change in output
with all 0s on the input over the specification temperature
range. Offset is measured at high temperature, +25
°C, and
low temperature. The offset drift is the maximum change in
offset referred to the +25
°C value, divided by the tempera-
ture change. It is expressed in parts per million of full scale
range per degree centigrade (ppm of FSR/
°C).
Bipolar zero drift is measured at a digital input of 80016, the
code that gives zero volts output for bipolar operation.
SETTLING TIME
Settling time is the total time (including slew time) for the
output to settle within an error band around its final value
after a change in input. Three settling times are specified to
±0.01% of full scale range (FSR): two for maximum full
scale range changes of 20V and 10V, and one for a 1LSB
change. The 1LSB change is measured at the major carry
(7FF16 to 80016 and 80016 to 7FF16), the input transition at
which worst-case settling time occurs.
REFERENCE SUPPLY
DAC811 contains an on-chip 6.3V reference. This voltage
(pin 28) has a tolerance of
±0.1V. The reference output may
be used to drive external loads, sourcing at least 2mA. This
current should be constant for best performance of the D/A
converter.
POWER SUPPLY SENSITIVITY
Power supply sensitivity is a measure of the effect of a
power supply change on the D/A converter output. It is
defined as a percent of FSR output change per percent of
change in either the positive, negative, or logic supply
voltages about the nominal voltages. Figure 1 shows typical
power supply rejection versus power supply ripple frequency.
DIGITAL INPUT
ANALOG OUTPUT
USB
BOB
BTC(1)
Unipolar
Bipolar
Binary
Straight
Offset
Two’s
Binary
Binary
Complement
111111111111
+ Full Scale
+ Full Scale
–1LSB
100000000000
+ 1/2 Full Scale
Zero
– Full Scale
011111111111
+ 1/2 Full Scale – 1LSB
–1LSB
+ Full Scale
000000000000
Zero
– Full Scale
Zero
NOTE: (1) Invert MSB of the BOB code with external inverter to obtain BTC code.
MSB
LSB
↓↓
TABLE I. Digital Input Codes.
LINEARITY ERROR
Linearity error as used in D/A converter specifications by
Burr-Brown is the deviation of the analog output from a
straight line drawn between the end points (inputs all 1s and
all 0s). The DAC811 linearity error is specified at
±1/4LSB
(max) at +25
°C for B and K grades, and ±1/2LSB (max) for
A, J, and R grades.
DIFFERENTIAL LINEARITY ERROR
Differential linearity error (DLE) is the deviation from a
1LSB output change from one adjacent state to the next. A
DLE specification of 1/2LSB means that the output step size
can range from 1/2LSB to 3/2LSB when the input changes
from one state to the next. Monotonicity requires that DLE
be less than 1LSB over the temperature range of interest.
MONOTONICITY
A D/A converter is monotonic if the output either increases
or remains the same for increasing digital inputs. All grades
of DAC811 are monotonic over their specification tempera-
ture range.
Load first rank from Data Bus: LDAC = 1
WR
N
t
AW
t
DW
t
DH
t
WP
A , NB , NC
DB
11 –DB0
Write Cycle #1
t
SET
WR
±1/2LSB
LDAC
t
AW
t
WP
Load second rank from first rank: N
A , N , N C
B
= 1
Write Cycle #2


Numéro de pièce similaire - DAC811

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811AH TI1-DAC811AH Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811BH TI1-DAC811BH Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JP TI1-DAC811JP Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JPG4 TI1-DAC811JPG4 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC811

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com