Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F7XESSQTP Fiches technique(PDF) 153 Page - Microchip Technology

No de pièce PIC16F7XESSQTP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7XESSQTP Fiches technique(HTML) 153 Page - Microchip Technology

Back Button PIC16F7XESSQTP Datasheet HTML 149Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 150Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 151Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 152Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 153Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 154Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 155Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 156Page - Microchip Technology PIC16F7XESSQTP Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 151
PIC16F7X
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
28-Lead SOIC
YYWWNNN
Example
XXXXXXXXXXXXXXXXX
YYWWNNN
28-Lead PDIP (Skinny DIP)
Example
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
0210017
PIC16F77-I/SP
XXXXXXXXXXXXXXXXX
0210017
PIC16F76-I/SO
28-Lead SSOP
YYWWNNN
Example
XXXXXXXXXXXX
XXXXXXXXXXXX
0210017
PIC16F73
-I/SS
Legend:
XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
28-Lead MLF
Example
XXXXXXXX
XXXXXXXX
YYWWNNN
1
PIC16F73
-I/ML
0210017
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More