Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO91PDB2V1 Fiches technique(PDF) 198 Page - Microsemi Corporation

No de pièce IO91PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO91PDB2V1 Fiches technique(HTML) 198 Page - Microsemi Corporation

Back Button IO91PDB2V1 Datasheet HTML 194Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 195Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 196Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 197Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 198Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 199Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 200Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 201Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 202Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 242 page
background image
Package Pin Assignments
4-26
Revision 13
FG256
Pin Number A3P1000L Function
A1
GND
A2
GAA0/IO00RSB0
A3
GAA1/IO01RSB0
A4
GAB0/IO02RSB0
A5
IO16RSB0
A6
IO22RSB0
A7
IO28RSB0
A8
IO35RSB0
A9
IO45RSB0
A10
IO50RSB0
A11
IO55RSB0
A12
IO61RSB0
A13
GBB1/IO75RSB0
A14
GBA0/IO76RSB0
A15
GBA1/IO77RSB0
A16
GND
B1
GAB2/IO224PDB3
B2
GAA2/IO225PDB3
B3
GNDQ
B4
GAB1/IO03RSB0
B5
IO17RSB0
B6
IO21RSB0
B7
IO27RSB0
B8
IO34RSB0
B9
IO44RSB0
B10
IO51RSB0
B11
IO57RSB0
B12
GBC1/IO73RSB0
B13
GBB0/IO74RSB0
B14
IO71RSB0
B15
GBA2/IO78PDB1
B16
IO81PDB1
C1
IO224NDB3
C2
IO225NDB3
C3
VMV3
C4
IO11RSB0
C5
GAC0/IO04RSB0
C6
GAC1/IO05RSB0
C7
IO25RSB0
C8
IO36RSB0
C9
IO42RSB0
C10
IO49RSB0
C11
IO56RSB0
C12
GBC0/IO72RSB0
C13
IO62RSB0
C14
VMV0
C15
IO78NDB1
C16
IO81NDB1
D1
IO222NDB3
D2
IO222PDB3
D3
GAC2/IO223PDB3
D4
IO223NDB3
D5
GNDQ
D6
IO23RSB0
D7
IO29RSB0
D8
IO33RSB0
D9
IO46RSB0
D10
IO52RSB0
D11
IO60RSB0
D12
GNDQ
D13
IO80NDB1
D14
GBB2/IO79PDB1
D15
IO79NDB1
D16
IO82NSB1
E1
IO217PDB3
E2
IO218PDB3
E3
IO221NDB3
E4
IO221PDB3
E5
VMV0
E6
VCCIB0
E7
VCCIB0
E8
IO38RSB0
FG256
Pin Number A3P1000L Function
E9
IO47RSB0
E10
VCCIB0
E11
VCCIB0
E12
VMV1
E13
GBC2/IO80PDB1
E14
IO83PPB1
E15
IO86PPB1
E16
IO87PDB1
F1
IO217NDB3
F2
IO218NDB3
F3
IO216PDB3
F4
IO216NDB3
F5
VCCIB3
F6
GND
F7
VCC
F8
VCC
F9
VCC
F10
VCC
F11
GND
F12
VCCIB1
F13
IO83NPB1
F14
IO86NPB1
F15
IO90PPB1
F16
IO87NDB1
G1
IO210PSB3
G2
IO213NDB3
G3
IO213PDB3
G4
GFC1/IO209PPB3
G5
VCCIB3
G6
VCC
G7
GND
G8
GND
G9
GND
G10
GND
G11
VCC
G12
VCCIB1
FG256
Pin Number A3P1000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More