Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO91PDB2V1 Fiches technique(PDF) 236 Page - Microsemi Corporation

No de pièce IO91PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO91PDB2V1 Fiches technique(HTML) 236 Page - Microsemi Corporation

Back Button IO91PDB2V1 Datasheet HTML 232Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 233Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 234Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 235Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 236Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 237Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 238Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 239Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 240Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 242 page
background image
Datasheet Information
5-4
Revision 13
Revision 10
(continued)
Package names used in the "Package Pin Assignments" section were revised to match
standards given in Package Mechanical Drawings (SAR 34773).
4-1
July 2010
The versioning system for datasheets has been changed. Datasheets are assigned a
revision number that increments each time the datasheet is revised. The "ProASIC3L
Device Status" table on page IV indicates the status for each device in the device family.
N/A
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More