Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO91PDB2V1 Fiches technique(PDF) 214 Page - Microsemi Corporation

No de pièce IO91PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO91PDB2V1 Fiches technique(HTML) 214 Page - Microsemi Corporation

Back Button IO91PDB2V1 Datasheet HTML 210Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 211Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 212Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 213Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 214Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 215Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 216Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 217Page - Microsemi Corporation IO91PDB2V1 Datasheet HTML 218Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 242 page
background image
Package Pin Assignments
4-42
Revision 13
H19
IO87PDB1
H20
VCC
H21
NC
H22
NC
J1
IO212NDB3
J2
IO212PDB3
J3
NC
J4
IO217NDB3
J5
IO218NDB3
J6
IO216PDB3
J7
IO216NDB3
J8
VCCIB3
J9
GND
J10
VCC
J11
VCC
J12
VCC
J13
VCC
J14
GND
J15
VCCIB1
J16
IO83NPB1
J17
IO86NPB1
J18
IO90PPB1
J19
IO87NDB1
J20
NC
J21
IO89PDB1
J22
IO89NDB1
K1
IO211PDB3
K2
IO211NDB3
K3
NC
K4
IO210PPB3
K5
IO213NDB3
K6
IO213PDB3
K7
GFC1/IO209PPB3
K8
VCCIB3
K9
VCC
K10
GND
FG484
Pin Number A3P1000L Function
K11
GND
K12
GND
K13
GND
K14
VCC
K15
VCCIB1
K16
GCC1/IO91PPB1
K17
IO90NPB1
K18
IO88PDB1
K19
IO88NDB1
K20
IO94NPB1
K21
IO98NDB1
K22
IO98PDB1
L1
NC
L2
IO200PDB3
L3
IO210NPB3
L4
GFB0/IO208NPB3
L5
GFA0/IO207NDB3
L6
GFB1/IO208PPB3
L7
VCOMPLF
L8
GFC0/IO209NPB3
L9
VCC
L10
GND
L11
GND
L12
GND
L13
GND
L14
VCC
L15
GCC0/IO91NPB1
L16
GCB1/IO92PPB1
L17
GCA0/IO93NPB1
L18
IO96NPB1
L19
GCB0/IO92NPB1
L20
IO97PDB1
L21
IO97NDB1
L22
IO99NPB1
M1
NC
M2
IO200NDB3
FG484
Pin Number A3P1000L Function
M3
IO206NDB3
M4
GFA2/IO206PDB3
M5
GFA1/IO207PDB3
M6
VCCPLF
M7
IO205NDB3
M8
GFB2/IO205PDB3
M9
VCC
M10
GND
M11
GND
M12
GND
M13
GND
M14
VCC
M15
GCB2/IO95PPB1
M16
GCA1/IO93PPB1
M17
GCC2/IO96PPB1
M18
IO100PPB1
M19
GCA2/IO94PPB1
M20
IO101PPB1
M21
IO99PPB1
M22
NC
N1
IO201NDB3
N2
IO201PDB3
N3
NC
N4
GFC2/IO204PDB3
N5
IO204NDB3
N6
IO203NDB3
N7
IO203PDB3
N8
VCCIB3
N9
VCC
N10
GND
N11
GND
N12
GND
N13
GND
N14
VCC
N15
VCCIB1
N16
IO95NPB1
FG484
Pin Number A3P1000L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More