Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO96PDB2V1 Fiches technique(PDF) 192 Page - Microsemi Corporation

No de pièce IO96PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96PDB2V1 Fiches technique(HTML) 192 Page - Microsemi Corporation

Back Button IO96PDB2V1 Datasheet HTML 188Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 189Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 190Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 191Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 192Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 193Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 194Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 195Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 196Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 242 page
background image
Package Pin Assignments
4-20
Revision 13
FG256
Pin Number
A3P250L Function
A1
GND
A2
GAA0/IO00RSB0
A3
GAA1/IO01RSB0
A4
GAB0/IO02RSB0
A5
IO07RSB0
A6
IO10RSB0
A7
IO11RSB0
A8
IO15RSB0
A9
IO20RSB0
A10
IO25RSB0
A11
IO29RSB0
A12
IO33RSB0
A13
GBB1/IO38RSB0
A14
GBA0/IO39RSB0
A15
GBA1/IO40RSB0
A16
GND
B1
GAB2/IO117UDB3
B2
GAA2/IO118UDB3
B3
NC
B4
GAB1/IO03RSB0
B5
IO06RSB0
B6
IO09RSB0
B7
IO12RSB0
B8
IO16RSB0
B9
IO21RSB0
B10
IO26RSB0
B11
IO30RSB0
B12
GBC1/IO36RSB0
B13
GBB0/IO37RSB0
B14
NC
B15
GBA2/IO41PDB1
B16
IO41NDB1
C1
IO117VDB3
C2
IO118VDB3
C3
NC
C4
NC
C5
GAC0/IO04RSB0
C6
GAC1/IO05RSB0
C7
IO13RSB0
C8
IO17RSB0
C9
IO22RSB0
C10
IO27RSB0
C11
IO31RSB0
C12
GBC0/IO35RSB0
C13
IO34RSB0
C14
NC
C15
IO42NPB1
C16
IO44PDB1
D1
IO114VDB3
D2
IO114UDB3
D3
GAC2/IO116UDB3
D4
NC
D5
GNDQ
D6
IO08RSB0
D7
IO14RSB0
D8
IO18RSB0
D9
IO23RSB0
D10
IO28RSB0
D11
IO32RSB0
D12
GNDQ
D13
NC
D14
GBB2/IO42PPB1
D15
NC
D16
IO44NDB1
E1
IO113PDB3
E2
NC
E3
IO116VDB3
E4
IO115UDB3
E5
VMV0
E6
VCCIB0
E7
VCCIB0
E8
IO19RSB0
FG256
Pin Number
A3P250L Function
E9
IO24RSB0
E10
VCCIB0
E11
VCCIB0
E12
VMV1
E13
GBC2/IO43PDB1
E14
IO46RSB1
E15
NC
E16
IO45PDB1
F1
IO113NDB3
F2
IO112PPB3
F3
NC
F4
IO115VDB3
F5
VCCIB3
F6
GND
F7
VCC
F8
VCC
F9
VCC
F10
VCC
F11
GND
F12
VCCIB1
F13
IO43NDB1
F14
NC
F15
IO47PPB1
F16
IO45NDB1
G1
IO111NDB3
G2
IO111PDB3
G3
IO112NPB3
G4
GFC1/IO110PPB3
G5
VCCIB3
G6
VCC
G7
GND
G8
GND
G9
GND
G10
GND
G11
VCC
G12
VCCIB1
FG256
Pin Number
A3P250L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More