Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO96PDB2V1 Fiches technique(PDF) 186 Page - Microsemi Corporation

No de pièce IO96PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96PDB2V1 Fiches technique(HTML) 186 Page - Microsemi Corporation

Back Button IO96PDB2V1 Datasheet HTML 182Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 183Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 184Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 185Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 186Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 187Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 188Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 189Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 190Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 242 page
background image
Package Pin Assignments
4-14
Revision 13
K1
GEB0/IO99NDB3
K2
GEA1/IO98PDB3
K3
GEA0/IO98NDB3
K4
GEA2/IO97RSB2
K5
IO90RSB2
K6
IO84RSB2
K7
GND
K8
IO66RSB2
K9
GDC2/IO63RSB2
K10
GND
K11
GDA0/IO60VDB1
K12
GDB0/IO59VDB1
L1
GND
L2
VMV3
L3
FF/GEB2/IO96RSB2
L4
IO91RSB2
L5
VCCIB2
L6
IO82RSB2
L7
IO80RSB2
L8
IO72RSB2
L9
TMS
L10
VJTAG
L11
VMV2
L12
TRST
M1
GNDQ
M2
GEC2/IO95RSB2
M3
IO92RSB2
M4
IO89RSB2
M5
IO87RSB2
M6
IO85RSB2
M7
IO78RSB2
M8
IO76RSB2
M9
TDI
M10
VCCIB2
M11
VPUMP
M12
GNDQ
FG144
Pin Number
A3P250L Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More