Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4680ISOSQTP Fiches technique(PDF) 281 Page - Microchip Technology

No de pièce PIC18F4680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISOSQTP Fiches technique(HTML) 281 Page - Microchip Technology

Back Button PIC18F4680ISOSQTP Datasheet HTML 277Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 278Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 279Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 280Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 281Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 282Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 279
PIC18F2585/2680/4585/4680
EXAMPLE 23-2:
WIN AND ICODE BITS USAGE IN INTERRUPT SERVICE ROUTINE TO ACCESS
TX/RX BUFFERS (CONTINUED)
ErrorInterrupt
BCF
PIR3, ERRIF
; Clear the interrupt flag
…
; Handle error.
RETFIE
TXB2Interrupt
BCF
PIR3, TXB2IF
; Clear the interrupt flag
GOTO
AccessBuffer
TXB1Interrupt
BCF
PIR3, TXB1IF
; Clear the interrupt flag
GOTO
AccessBuffer
TXB0Interrupt
BCF
PIR3, TXB0IF
; Clear the interrupt flag
GOTO
AccessBuffer
RXB1Interrupt
BCF
PIR3, RXB1IF
; Clear the interrupt flag
GOTO
Accessbuffer
RXB0Interrupt
BCF
PIR3, RXB0IF
; Clear the interrupt flag
GOTO
AccessBuffer
AccessBuffer
; This is either TX or RX interrupt
; Copy CANSTAT.ICODE bits to CANCON.WIN bits
MOVF
TempCANCON, W
; Clear CANCON.WIN bits before copying
; new ones.
ANDLW
B’11110001’
; Use previously saved CANCON value to
; make sure same value.
MOVWF
TempCANCON
; Copy masked value back to TempCANCON
MOVF
TempCANSTAT, W
; Retrieve ICODE bits
ANDLW
B’00001110’
; Use previously saved CANSTAT value
; to make sure same value.
IORWF
TempCANCON
; Copy ICODE bits to WIN bits.
MOVFF
TempCANCON, CANCON
; Copy the result to actual CANCON
; Access current buffer…
; User code
; Restore CANCON.WIN bits
MOVF
CANCON, W
; Preserve current non WIN bits
ANDLW
B’11110001’
IORWF
TempCANCON
; Restore original WIN bits
; Do not need to restore CANSTAT - it is read-only register.
; Return from interrupt or check for another module interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More