Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F215RG Fiches technique(PDF) 173 Page - STMicroelectronics

No de pièce STM32F215RG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RG Fiches technique(HTML) 173 Page - STMicroelectronics

Back Button STM32F215RG Datasheet HTML 167Page - STMicroelectronics STM32F215RG Datasheet HTML 168Page - STMicroelectronics STM32F215RG Datasheet HTML 169Page - STMicroelectronics STM32F215RG Datasheet HTML 170Page - STMicroelectronics STM32F215RG Datasheet HTML 171Page - STMicroelectronics STM32F215RG Datasheet HTML 172Page - STMicroelectronics STM32F215RG Datasheet HTML 173Page - STMicroelectronics STM32F215RG Datasheet HTML 174Page - STMicroelectronics STM32F215RG Datasheet HTML 175Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 173 / 175 page
background image
DocID17050 Rev 9
173/175
STM32F21xxx
Revision history
174
04-Nov-2013
9
Updated Section 3.14: Power supply schemes, Section 3.15: Power
supply supervisor, Section 3.16.1: Regulator ON and Section 3.16.2:
Regulator OFF. Added Section 3.16.3: Regulator ON/OFF and internal
reset ON/OFF availability.
Restructured RTC features and added reference clock detection in
Section 3.17: Real-time clock (RTC), backup SRAM and backup
registers.
Added note indicating the package view below Figure 9: STM32F21x
LQFP64 pinout, Figure 10: STM32F21x LQFP100 pinout, Figure 11:
STM32F21x LQFP144 pinout, and Figure 12: STM32F21x LQFP176
pinout.
Added Table 6: Legend/abbreviations used in the pinout table.
Table 7: STM32F21x pin and ball definitions: content reformatted,
removed indeces on VSS and VDD, updated PA4, PA5, PA6, PC4,
BOOT0; replaced DCMI_12 by DCMI_D12, ETH_MII_RX_D0 by
ETH_MII_RXD0, ETH_MII_RX_D1 by ETH_MII_RXD1,
ETH_RMII_RX_D0 by ETH_RMII_RXD0, and ETH_RMII_RX_D1 by
ETH_RMII_RXD1 in .
Table 9: Alternate function mapping: replaced FSMC_BLN1 by
FSMC_NBL1, added EVENTOUT as AF15 alternated fucntion for
PC13, PC14, PC15, PH0, PH1, and PI8.
Updated Figure 15: Pin loading conditions and Figure 16: Pin input
voltage.
Added VIN in Table 13: General operating conditions.
Removed note applying to VPOR/PDR minimum value in Table 18:
Embedded reset and power control block characteristics.
Updated notes related to CL1 and CL2 in Section : Low-speed external
clock generated from a crystal/ceramic resonator.
Updated conditions in Table 40: EMS characteristics. Updated
Table 41: EMI characteristics. Updated VIL, VIH and VHys in Table 45:
I/O static characteristics. Added Figure : Output driving current and
updated Figure 36: I/O AC characteristics definition.
Updated VIL(NRST) and VIH(NRST) in Table 48: NRST pin
characteristics, updated Figure 36: I/O AC characteristics definition.
Removed tests conditions in Section : I2C interface characteristics.
Updated Table 51: I2C characteristics and Figure 38: I2C bus AC
waveforms and measurement circuit.
Updated IVREF+ and IVDDA in Table 65: ADC characteristics.
Updated Offset comments in Table 67: DAC characteristics.
Updated minimum th(CLKH-DV) value in Table 77: Synchronous non-
multiplexed NOR/PSRAM read timings.
Table 93. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More