| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F215VG Fiches technique(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215VG Fiches technique(HTML) 127 Page - STMicroelectronics |
|
127 / 173 page ![]() STM32F21xxx Electrical characteristics Doc ID 17050 Rev 8 127/173 Synchronous waveforms and timings Figure 57 through Figure 60 represent synchronous waveforms and Table 74 through Table 76 provide the corresponding timings. The results shown in these tables are obtained with the following FSMC configuration: ● BurstAccessMode = FSMC_BurstAccessMode_Enable; ● MemoryType = FSMC_MemoryType_CRAM; ● WriteBurst = FSMC_WriteBurst_Enable; ● CLKDivision = 1; (0 is not supported, see the STM32F20xxx/21xxx reference manual) ● DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM In all timing tables, the THCLK is the HCLK clock period. Figure 57. Synchronous multiplexed NOR/PSRAM read timings FSMC_CLK FSMC_NEx FSMC_NADV FSMC_A[25:16] FSMC_NOE FSMC_AD[15:0] AD[15:0] D1 D2 FSMC_NWAIT (WAITCFG = 1b, WAITPOL + 0b) FSMC_NWAIT (WAITCFG = 0b, WAITPOL + 0b) tw(CLK) tw(CLK) Data latency = 0 BUSTURN = 0 td(CLKL-NExL) td(CLKL-NExH) td(CLKL-NADVL) td(CLKL-AV) td(CLKL-NADVH) td(CLKL-AIV) td(CLKH-NOEL) td(CLKL-NOEH) td(CLKL-ADV) td(CLKL-ADIV) tsu(ADV-CLKH) th(CLKH-ADV) tsu(ADV-CLKH) th(CLKH-ADV) tsu(NWAITV-CLKH) th(CLKH-NWAITV) tsu(NWAITV-CLKH) th(CLKH-NWAITV) tsu(NWAITV-CLKH) th(CLKH-NWAITV) ai14893h |