| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S103K3 Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103K3 Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 117 page ![]() OPT0 memory readout protection (check only one option) [ ] Disable or [ ] Enable OPT1 user boot code area (UBC) 0x(_ _) fill in the hexadecimal value, refering to the datasheet and the binary format below. [ ] 0: Reset UBC, bit0 [ ] 1: Set [ ] 0: Reset UBC bit1 [ ] 1: Set [ ] 0: Reset UBC bit2 [ ] 1: Set [ ] 0: Reset UBC bit3 [ ] 1: Set [ ] 0: Reset UBC bit4 [ ] 1: Set [ ] 0: Reset UBC bit5 [ ] 1: Set [ ] 0: Reset UBC bit6 [ ] 1: Set [ ] 0: Reset UBC bit7 [ ] 1: Set OPT2 alternate function remapping for STM8S103K Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and AFR0. Reserved AFR0 [ ] 0: Remapping option inactive. Default alternate functions used. Refer to pinout description AFR1 (check only one option) [ ] 1: Port A3 alternate function = SPI_NSS and port D2 alternate function = TIM2_CH3 Reserved AFR2 Reserved AFR3 Reserved AFR4 DocID15441 Rev 9 108/117 STM8S103K3 STM8S103F3 STM8S103F2 Ordering information |