Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L152C8 Fiches technique(PDF) 106 Page - STMicroelectronics

No de pièce STM8L152C8
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C8 Fiches technique(HTML) 106 Page - STMicroelectronics

Back Button STM8L152C8 Datasheet HTML 102Page - STMicroelectronics STM8L152C8 Datasheet HTML 103Page - STMicroelectronics STM8L152C8 Datasheet HTML 104Page - STMicroelectronics STM8L152C8 Datasheet HTML 105Page - STMicroelectronics STM8L152C8 Datasheet HTML 106Page - STMicroelectronics STM8L152C8 Datasheet HTML 107Page - STMicroelectronics STM8L152C8 Datasheet HTML 108Page - STMicroelectronics STM8L152C8 Datasheet HTML 109Page - STMicroelectronics STM8L152C8 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 134 page
background image
Electrical parameters
STM8L15xx8, STM8L15xR6
106/134
DocID17943 Rev 6
Figure 41. Typical application with I2C bus and timing diagram
1. Measurement points are done at CMOS levels: 0.3 x VDD and 0.7 x VDD
REPEATED START
START
STOP
tf(SDA)
tr(SDA)
tf(SCL)
tr(SCL)
tw(SCLL)
tw(SCLH)
th(STA)
tsu(STO)
tsu(STA)
tw(STO:STA)
SDA
SCL
4.7k
I2CBUS
MS32620V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More