Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM8530 Fiches technique(PDF) 187 Page - Advanced Micro Devices

No de pièce AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Fiches technique(HTML) 187 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 183Page - Advanced Micro Devices AM8530 Datasheet HTML 184Page - Advanced Micro Devices AM8530 Datasheet HTML 185Page - Advanced Micro Devices AM8530 Datasheet HTML 186Page - Advanced Micro Devices AM8530 Datasheet HTML 187Page - Advanced Micro Devices AM8530 Datasheet HTML 188Page - Advanced Micro Devices AM8530 Datasheet HTML 189Page - Advanced Micro Devices AM8530 Datasheet HTML 190Page - Advanced Micro Devices AM8530 Datasheet HTML 191Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 194 page
background image
SCC Application Notes
AMD
7–38
{
unsigned long int count;
count = 0;
while(count<35550)
{
count++;
}
}
/*THIS ROUTINE INITIALIZES THE 8530 FOR ASYN-
CHRONOUS TRANSMIT*/
asccinit()
{
unsigned char array[arraysiz], temp;
unsigned int i=0;
array[0]=0x09;
array[1]=0xC0;
/*hardware reset*/
array[2]=0x4;
array[3]=0x44;
/*X16 clock, 1 stop bits*/
array[4]=0x3;
array[5]=0xC0;
/*8 bits/char.*/
array[6]=0x5;
array[7]=0x60;
/*8 bits/char.*/
array[8]=0xB;
array[9]=0x56;
/*RxC=BR gen, TxC=BR, TRxCout=BR*/
array[10]=0xC;
array[11]=0x06;
/*set BR gen for 19.2 kBaud*/
array[12]=0xD;
array[13]=0x00;
array[14]=0xE;
array[15]=0x07;
/*set DTR/REQ, enable BR gen, PCLK = BR
source*/
array[16]=0x5;
array[17]=0x68;
/*Enable transmitter*/
/*BEGIN ASYNCHRONOUS ROUTINE*/
temp = inportb(aport);/*read from RR0 to set up state machine*/
while(i<arraysiz)
{
outportb)aport, array[i++]);
}
}
/*TRANSMIT FILE ASYNCHRONOUSLY AT 19.2 kBaud*/
atrans()
{
unsigned int temp, tmp, tx;
unsigned int i, count;
temp = 0;
num = num + 1;
for (i=0; i<num; i++) /*process the loop until all chars. are
transmitted*/
{
tx = 0;
while(tx==0)
{
temp = inportb(aport);
/*load RR0
to check Tx buffer empty bit*/
tx = temp & 0x04;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More