Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM8530 Fiches technique(PDF) 148 Page - Advanced Micro Devices

No de pièce AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Fiches technique(HTML) 148 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 144Page - Advanced Micro Devices AM8530 Datasheet HTML 145Page - Advanced Micro Devices AM8530 Datasheet HTML 146Page - Advanced Micro Devices AM8530 Datasheet HTML 147Page - Advanced Micro Devices AM8530 Datasheet HTML 148Page - Advanced Micro Devices AM8530 Datasheet HTML 149Page - Advanced Micro Devices AM8530 Datasheet HTML 150Page - Advanced Micro Devices AM8530 Datasheet HTML 151Page - Advanced Micro Devices AM8530 Datasheet HTML 152Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 194 page
background image
Register Description
AMD
6–38
6.3.9
Read Register 12
RR12 returns the value stored in WR12, the lower byte of the time constant for the baud
rate generator. Figure 6–25 shows the bit positions for RR12.
D7 D6 D5 D4 D3 D2 D1 D0
TC3
TC4
TC5
TC6
TC0
TC1
TC2
TC7
Lower Byte of
Time Constant
Figure 6–25. Read Register 12
6.3.10
Read Register 13
RR13 returns the value stored in WR13, the upper byte of the time constant for the baud
rate generator. Figure 6–26 shows the bit positions for RR13.
D7 D6 D5 D4 D3 D2 D1 D0
TC11
TC12
TC13
TC14
TC8
TC9
TC10
TC15
Upper Byte of
Time Constant
Figure 6–26. Read Register 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More