| Moteur de recherche de fiches techniques de composants électroniques |
|
AM8530 Fiches technique(PDF) 115 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530 Fiches technique(HTML) 115 Page - Advanced Micro Devices |
|
115 / 194 page ![]() Register Description AMD 6–5 6.2 WRITE REGISTERS The SCC write register set for each channel includes ten control registers, two sync char- acter registers, two baud rate time constant registers, a transmit buffer, and a master in- terrupt register. The following sections describe in detail each write register and the associated bit configuration for each. 6.2.1 Write Register 0 (Command Register) WR0 is the command register and the CRC reset code register. Figure 6–1 shows the bit configuration for WR0. D7 D6 D5 D4 D3 D2 D1 D0 00 00 01 01 00 01 10 11 Null Code Reset Rx CRC Checker Reset Tx CRC Generator Reset Tx Underrun/EOM Latch 0 1 0 1 Register 0 Register 1 Register 2 Register 3 10 10 11 11 0 1 0 1 Register 4 Register 5 Register 6 Register 7 00 00 01 01 0 1 0 1 Register 8 Register 9 Register 10 Register 11 10 10 11 11 0 1 0 1 Register 12 Register 13 Register 14 Register 15 00 00 01 0 1 0 01 10 10 11 1 0 1 0 11 1 Null Code Point High Reset EXT/Status Interrupts Send Abort (SDLC) Enable INT On Next Rx Character Reset TxINT Pending Error Reset Reset Highest IUS With Point High Command Figure 6–1. Write Register 0 |