Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM8530H Fiches technique(PDF) 170 Page - Advanced Micro Devices

No de pièce AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Fiches technique(HTML) 170 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 166Page - Advanced Micro Devices AM8530H Datasheet HTML 167Page - Advanced Micro Devices AM8530H Datasheet HTML 168Page - Advanced Micro Devices AM8530H Datasheet HTML 169Page - Advanced Micro Devices AM8530H Datasheet HTML 170Page - Advanced Micro Devices AM8530H Datasheet HTML 171Page - Advanced Micro Devices AM8530H Datasheet HTML 172Page - Advanced Micro Devices AM8530H Datasheet HTML 173Page - Advanced Micro Devices AM8530H Datasheet HTML 174Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 194 page
background image
SCC Application Notes
AMD
7–21
7.5.2
The 68000 and Am8530H without Interrupts
Implementation of an interface without interrupt is straightforward.
INTACK must be tied
High when not in use and the shift register provides a means for inserting Wait States.
Figure 7–11 shows the interface between the 68000 and the Am8530H. The Am8530H
SCC. It supports all advanced protocols and has a number of user programmable fea-
tures that provide design flexibility.
QC
QB
A23
WR
RD
A/
B
D/
C
CS
Am8530H
CLK
CLR
B
A QA
QD
74LS04
C
ANYE
XACK
Am29006
Am29006
A16
A11
A10
A3
A1
A2
DTACK
LDS
R/
W
74LS74
CP
D
Q
CLK
74LS32
74LS32
74LS164
74LS04
74LS32
68000
74LS04
Figure 7–11. SCC—68000 Interfacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More