Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C975VCW Fiches technique(PDF) 242 Page - Advanced Micro Devices

No de pièce AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Fiches technique(HTML) 242 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 238Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 239Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 240Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 241Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 242Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 243Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 244Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 246Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 304 page
background image
242
Am79C973/Am79C975
P R E L I M INARY
PHYSICAL DIMENSIONS*
PQR160
Plastic Quad Flat Pack (measured in millimeters)
*For reference only. BSC is an ANSI standard for Basic Space Centering.
25.35
REF
27.90
28.10
31.00
31.40
Pin 120
Pin 80
0.65 BASIC
3.20
3.60
0.25
Min
Pin 40
Pin 1 I.D.
25.35
REF
Pin 160
27.90
28.10
31.00
31.40
3.95
MAX
SEATING PLANE
16-038-PQR-1
PQR160
12-22-95 lv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More