| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C976 Fiches technique(PDF) 187 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 Fiches technique(HTML) 187 Page - Advanced Micro Devices |
|
187 / 309 page ![]() 8/01/00 Am79C976 187 P R E L I M INARY &65%DVH$GGUHVV RI 5HFHLYH 5LQJ/RZHU Bit Name Description 31-16 RES Reserved locations. Written as zeros and read as undefined. 15-0 BADRL Contains the lower 16 bits of the base address of the Receive Ring. Read/Write accessible. These bits are unaffected by H_RESET, S_RESET, or STOP. &65%DVH$GGUHVV RI 5HFHLYH 5LQJ8SSHU Bit Name Description 31-16 RES Reserved locations. Written as zeros and read as undefined. 15-0 BADRU Contains the upper 16 bits of the base address of the Receive Ring. Read/Write accessible. These bits are unaffected by H_RESET, S_RESET, or STOP. &65 5HVHUYHG Bit Name Description 31-0 RES Reserved locations. Written as zeros and read as undefined. &65%DVH$GGUHVV RI 7UDQVPLW5LQJ/RZHU Bit Name Description 31-16 RES Reserved locations. Written as zeros and read as undefined. 15-0 BADXL Contains the lower 16 bits of the base address of the Transmit Ring. Read/Write accessible. These bits are unaffected by H_RESET, S_RESET, or STOP. &65%DVH$GGUHVV RI 7UDQVPLW5LQJ8SSHU Bit Name Description 31-16 RES Reserved locations. Written as zeros and read as undefined. 15-0 BADXU Contains the upper 16 bits of the base address of the Transmit Ring. |