Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7968-125JC Fiches technique(PDF) 122 Page - Advanced Micro Devices

No de pièce AM7968-125JC
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968-125JC Fiches technique(HTML) 122 Page - Advanced Micro Devices

Back Button AM7968-125JC Datasheet HTML 118Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 119Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 120Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 121Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 122Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 123Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 124Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 125Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 127 page
background image
AMD
118
TAXIchip Integrated Circuits Technical Manual
Figure 17
AUTORUN ACK 0 (No Sync Between Data Bytes)
12330E-54
D7
D6
D5
D4
D3
D2
D1
D0
STRB
TXCLK
DSTRB
CSTRB
Figure 18
AUTORUN ACK 1 (One Sync Between Every Four Data Bytes)
TXCLK
12330E-55
D7
D6
D5
D4
D3
D2
D1
D0
STRB
DSTRB
CSTRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More