Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7968-125JC Fiches technique(PDF) 102 Page - Advanced Micro Devices

No de pièce AM7968-125JC
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968-125JC Fiches technique(HTML) 102 Page - Advanced Micro Devices

Back Button AM7968-125JC Datasheet HTML 98Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 99Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 100Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 101Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 102Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 103Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 104Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 105Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
AMD
98
TAXIchip Integrated Circuits Technical Manual
TAXI Technical Information Publication #89-04
Subject: TAXI PLL Lock-Up During Power-On!
Question:
Is there a recommended power-on sequence for the TAXIchips to prevent PLL lock-up?
Answer:
Early versions of the -70 TAXIchips did have some sensitivities associated with hot-
plug-in lock-up, fast VCC rise time, and/or power supply sequencing during power-on
causing occasional PLL lock-up. These potential problems were addressed in the -125
TAXIchips with an improved circuit design. The -125 TAXIchips do not exhibit any
known power-on problems, but a PLL Reset function is available on a package pin and
may be used to restart the PLL if problems occur.
Use of the external PLL Reset pin should not be necessary with the -125 TAXIchips, but
there may be specific situations where its use may be helpful with the TAXI Receiver.
There are possible situations where large amounts of noise may occur on the Receiver
serial data inputs. Under these conditions the Rx-PLL may attempt to track the noise to
an indeterminate frequency. This deviation in frequency may adversely affect data
recovery when a good data stream reappears. System requirements may also place a
restriction on the allowed clock frequency deviation. Use of the PLL Reset function on
the Receiver may assist in the containment of some of these effects.
All VCCs may be powered-on simultaneously with a common supply. It is only recom-
mended that the TAXI GND pins be connected to a common Ground and the VCC pins
be separately filtered and decoupled to that Ground. Variations in power-on times due to
separate VCC filtering and decoupling are not a problem. Use of a common VCC supply is
sufficient as long as noise filtering of the supply at the TAXI VCC pins is adequate,
therefore use of separate power supplies for the VCCs is usually not necessary.
Refer to Section 6.1, for more information concerning power supply layout and decoupling. Further
information is also available in TAXI TIP #89-02,
TAXI Receiver RESET Pin Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More