Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24HJ128GP310 Fiches technique(PDF) 149 Page - Microchip Technology

No de pièce PIC24HJ128GP310
Description  High-Performance,16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Fiches technique(HTML) 149 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 145Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 146Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 147Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 148Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 149Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 150Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 151Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 152Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 147
PIC24HJXXXGPX06/X08/X10
FIGURE 15-2:
SPI MASTER/SLAVE CONNECTION
FIGURE 15-3:
SPI MASTER, FRAME MASTER CONNECTION DIAGRAM
FIGURE 15-4:
SPI MASTER, FRAME SLAVE CONNECTION DIAGRAM
Serial Receive Buffer
(SPIxRXB)
LSb
MSb
SDIx
SDOx
PROCESSOR 2 (SPI Slave)
SCKx
SSx(1)
Serial Transmit Buffer
(SPIxTXB)
Serial Receive Buffer
(SPIxRXB)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
PROCESSOR 1 (SPI Master)
Serial Clock
(SSEN (SPIxCON1<7>) = 1 and MSTEN (SPIxCON1<5>) = 0)
Note 1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to/read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory
mapped to SPIxBUF.
SCKx
Serial Transmit Buffer
(SPIxTXB)
(MSTEN (SPIxCON1<5>) = 1)
SPI Buffer
(SPIxBUF)(2)
SPI Buffer
(SPIxBUF)(2)
Shift Register
(SPIxSR)
SDOx
SDIx
PIC24H
Serial Clock
SSx
SCKx
Frame Sync
Pulse
SDIx
SDOx
PROCESSOR 2
SSx
SCKx
SDOx
SDIx
PIC24H
Serial Clock
SSx
SCKx
Frame Sync
Pulse
SDIx
SDOx
PROCESSOR 2
SSx
SCKx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More