| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24HJ128GP310 Fiches technique(PDF) 270 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 Fiches technique(HTML) 270 Page - Microchip Technology |
|
270 / 286 page ![]() PIC24HJXXXGPX06/X08/X10 DS70175F-page 268 © 2007 Microchip Technology Inc. FIGURE 23-19: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 0, SSRC<2:0> = 000) AD55 TSAMP Clear SAMP Set SAMP AD61 ADCLK Instruction SAMP ch0_dischrg ch1_samp AD60 CONV ADxIF Buffer(0) Buffer(1) 1 2 3 4 5 6 8 5 6 7 1 – Software sets ADxCON. SAMP to start sampling. 2 – Sampling starts after discharge period. TSAMP is described in Section 16. “10/12-bit ADC with DMA” in the “dsPIC33F 3 – Software clears ADxCON. SAMP to start conversion. 4 – Sampling ends, conversion sequence starts. 5 – Convert bit 9. 8 – One TAD for end of conversion. AD50 ch0_samp ch1_dischrg eoc 7 AD55 8 6 – Convert bit 8. 7 – Convert bit 0. Execution Family Reference Manual”. |