| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24HJ128GP310 Fiches technique(PDF) 211 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 Fiches technique(HTML) 211 Page - Microchip Technology |
|
211 / 286 page ![]() © 2007 Microchip Technology Inc. DS70175F-page 209 PIC24HJXXXGPX06/X08/X10 REGISTER 19-4: ADxCON4: ADCx CONTROL REGISTER 4 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 — — — — — DMABL<2:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 Unimplemented: Read as ‘0’ bit 2-0 DMABL<2:0>: Selects Number of DMA Buffer Locations per Analog Input bits 111 =Allocates 128 words of buffer to each analog input 110 =Allocates 64 words of buffer to each analog input 101 =Allocates 32 words of buffer to each analog input 100 =Allocates 16 words of buffer to each analog input 011 =Allocates 8 words of buffer to each analog input 010 =Allocates 4 words of buffer to each analog input 001 =Allocates 2 words of buffer to each analog input 000 =Allocates 1 word of buffer to each analog input |