Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 190 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 190 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 186Page - Microsemi Corporation AX500 Datasheet HTML 187Page - Microsemi Corporation AX500 Datasheet HTML 188Page - Microsemi Corporation AX500 Datasheet HTML 189Page - Microsemi Corporation AX500 Datasheet HTML 190Page - Microsemi Corporation AX500 Datasheet HTML 191Page - Microsemi Corporation AX500 Datasheet HTML 192Page - Microsemi Corporation AX500 Datasheet HTML 193Page - Microsemi Corporation AX500 Datasheet HTML 194Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 262 page
background image
Package Pin Assignments
3- 64
R e v i sio n 1 8
IO124NB2F11
P29
IO124PB2F11
P30
IO125NB2F11
R22
IO125PB2F11
R23
IO127NB2F11
R24
IO127PB2F11
R25
IO128NB2F11
R29
IO128PB2F11
R30
Bank 3
IO129NB3F12
T27
IO129PB3F12
R27
IO130NB3F12
T29
IO130PB3F12
T30
IO131NB3F12
T22
IO131PB3F12
T23
IO132NB3F12
U26
IO132PB3F12
T26
IO133NB3F12
U24
IO133PB3F12
T24
IO135NB3F12
U23
IO135PB3F12
U22
IO136NB3F12
U29
IO136PB3F12
U30
IO137NB3F12
V28
IO137PB3F12
U28
IO138NB3F12
V27
IO138PB3F12
U27
IO139NB3F13
V25
IO139PB3F13
U25
IO141NB3F13
V23
IO141PB3F13
V22
IO142NB3F13
W29
IO142PB3F13
V29
IO143NB3F13
W26
IO143PB3F13
V26
FG896
AX2000 Function
Pin
Number
IO145NB3F13
W24
IO145PB3F13
V24
IO146NB3F13
W27
IO146PB3F13
W28
IO147NB3F13
Y28
IO147PB3F13
Y27
IO148NB3F13
Y30
IO148PB3F13
W30
IO149NB3F13
Y25
IO149PB3F13
W25
IO150NB3F14
AA29
IO150PB3F14
Y29
IO151NB3F14
AC29
IO152NB3F14
AA26
IO152PB3F14
Y26
IO153NB3F14
Y23
IO153PB3F14
W23
IO154NB3F14
AB30
IO154PB3F14
AA30
IO155NB3F14
AB27
IO155PB3F14
AA27
IO156NB3F14
AC28
IO156PB3F14
AB28
IO157NB3F14
AA24
IO157PB3F14
Y24
IO158NB3F14
AF29
IO158PB3F14
AF30
IO159NB3F14
AB25
IO159PB3F14
AA25
IO160NB3F14
AE30
IO160PB3F14
AD30
IO161NB3F15
AE29
IO161PB3F15
AD29
IO162NB3F15
AD27
IO162PB3F15
AC27
FG896
AX2000 Function
Pin
Number
IO163NB3F15
AC26
IO163PB3F15
AB26
IO164NB3F15
AE28
IO164PB3F15
AD28
IO165NB3F15
AC24
IO165PB3F15
AB24
IO166NB3F15
AG28
IO166PB3F15
AF28
IO167NB3F15
AE26
IO167PB3F15
AD26
IO168NB3F15
AD25
IO168PB3F15
AC25
IO169NB3F15
AF27
IO169PB3F15
AE27
IO170NB3F15
AB23
IO170PB3F15
AA23
Bank 4
IO171NB4F16
AG29
IO171PB4F16
AG30
IO172NB4F16
AF24
IO172PB4F16
AF25
IO173NB4F16
AG25
IO173PB4F16
AG26
IO174NB4F16
AJ25
IO174PB4F16
AJ26
IO175NB4F16
AK26
IO175PB4F16
AK27
IO176NB4F16
AE23
IO176PB4F16
AE24
IO177NB4F16
AH24
IO177PB4F16
AH25
IO178NB4F16
AD23
IO178PB4F16
AC23
IO179PB4F16
AJ27
IO180NB4F16
AG23
FG896
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More