Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 176 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 176 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 172Page - Microsemi Corporation AX500 Datasheet HTML 173Page - Microsemi Corporation AX500 Datasheet HTML 174Page - Microsemi Corporation AX500 Datasheet HTML 175Page - Microsemi Corporation AX500 Datasheet HTML 176Page - Microsemi Corporation AX500 Datasheet HTML 177Page - Microsemi Corporation AX500 Datasheet HTML 178Page - Microsemi Corporation AX500 Datasheet HTML 179Page - Microsemi Corporation AX500 Datasheet HTML 180Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 262 page
background image
Package Pin Assignments
3- 50
R e v i sio n 1 8
NC
D13
NC
D14
PRA
E13
PRB
B14
PRC
Y14
PRD
AD14
TCK
E5
TDI
B3
TDO
G6
TMS
D4
TRST
A2
VCCA
AB4
VCCA
AF24
VCCA
C1
VCCA
C26
VCCA
J10
VCCA
J11
VCCA
J12
VCCA
J13
VCCA
J14
VCCA
J15
VCCA
J16
VCCA
J17
VCCA
K18
VCCA
K9
VCCA
L18
VCCA
L9
VCCA
M18
VCCA
M9
VCCA
N18
VCCA
N9
VCCA
P18
VCCA
P9
VCCA
R18
VCCA
R9
VCCA
T18
FG676
AX1000 Function
Pin Number
VCCA
T9
VCCA
U18
VCCA
U9
VCCA
V10
VCCA
V11
VCCA
V12
VCCA
V13
VCCA
V14
VCCA
V15
VCCA
V16
VCCA
V17
VCCPLA
E12
VCCPLB
F13
VCCPLC
E15
VCCPLD
G14
VCCPLE
AF15
VCCPLF
AA14
VCCPLG
AF12
VCCPLH
AB13
VCCDA
A11
VCCDA
A3
VCCDA
AB22
VCCDA
AB5
VCCDA
AD10
VCCDA
AD11
VCCDA
AD13
VCCDA
AD16
VCCDA
AD17
VCCDA
B1
VCCDA
B11
VCCDA
B17
VCCDA
C16
VCCDA
D24
VCCDA
E14
VCCDA
P2
VCCDA
P23
FG676
AX1000 Function
Pin Number
VCCIB0
G10
VCCIB0
G8
VCCIB0
G9
VCCIB0
H10
VCCIB0
H11
VCCIB0
H12
VCCIB0
H13
VCCIB0
H9
VCCIB1
G17
VCCIB1
G18
VCCIB1
G19
VCCIB1
H14
VCCIB1
H15
VCCIB1
H16
VCCIB1
H17
VCCIB1
H18
VCCIB2
H20
VCCIB2
J19
VCCIB2
J20
VCCIB2
K19
VCCIB2
K20
VCCIB2
L19
VCCIB2
M19
VCCIB2
N19
VCCIB3
P19
VCCIB3
R19
VCCIB3
T19
VCCIB3
U19
VCCIB3
U20
VCCIB3
V19
VCCIB3
V20
VCCIB3
W20
VCCIB4
W14
VCCIB4
W15
VCCIB4
W16
VCCIB4
W17
FG676
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More