Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 169 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 169 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 165Page - Microsemi Corporation AX500 Datasheet HTML 166Page - Microsemi Corporation AX500 Datasheet HTML 167Page - Microsemi Corporation AX500 Datasheet HTML 168Page - Microsemi Corporation AX500 Datasheet HTML 169Page - Microsemi Corporation AX500 Datasheet HTML 170Page - Microsemi Corporation AX500 Datasheet HTML 171Page - Microsemi Corporation AX500 Datasheet HTML 172Page - Microsemi Corporation AX500 Datasheet HTML 173Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 43
NC
J5
NC
J6
NC
P22
NC
R20
NC
R21
NC
R22
NC
R4
NC
R5
NC
T22
NC
T24
NC
U22
NC
U24
NC
V22
NC
V5
NC
W21
NC
W22
NC
W5
NC
W6
NC
Y21
NC
Y4
NC
Y5
NC
Y6
PRA
E13
PRB
B14
PRC
Y14
PRD
AD14
TCK
E5
TDI
B3
TDO
G6
TMS
D4
TRST
A2
VCCA
AB4
VCCA
AF24
VCCA
C1
VCCA
C26
FG676
AX500 Function
Pin
Number
VCCA
J10
VCCA
J11
VCCA
J12
VCCA
J13
VCCA
J14
VCCA
J15
VCCA
J16
VCCA
J17
VCCA
K18
VCCA
K9
VCCA
L18
VCCA
L9
VCCA
M18
VCCA
M9
VCCA
N18
VCCA
N9
VCCA
P18
VCCA
P9
VCCA
R18
VCCA
R9
VCCA
T18
VCCA
T9
VCCA
U18
VCCA
U9
VCCA
V10
VCCA
V11
VCCA
V12
VCCA
V13
VCCA
V14
VCCA
V15
VCCA
V16
VCCA
V17
VCCDA
A3
VCCDA
AB22
VCCDA
AB5
FG676
AX500 Function
Pin
Number
VCCDA
AD10
VCCDA
AD13
VCCDA
AD17
VCCDA
B1
VCCDA
B17
VCCDA
D24
VCCDA
E14
VCCDA
P2
VCCDA
P23
VCCIB0
G10
VCCIB0
G8
VCCIB0
G9
VCCIB0
H10
VCCIB0
H11
VCCIB0
H12
VCCIB0
H13
VCCIB0
H9
VCCIB1
G17
VCCIB1
G18
VCCIB1
G19
VCCIB1
H14
VCCIB1
H15
VCCIB1
H16
VCCIB1
H17
VCCIB1
H18
VCCIB2
H20
VCCIB2
J19
VCCIB2
J20
VCCIB2
K19
VCCIB2
K20
VCCIB2
L19
VCCIB2
M19
VCCIB2
N19
VCCIB3
P19
VCCIB3
R19
FG676
AX500 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More