Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 164 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 164 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 160Page - Microsemi Corporation AX500 Datasheet HTML 161Page - Microsemi Corporation AX500 Datasheet HTML 162Page - Microsemi Corporation AX500 Datasheet HTML 163Page - Microsemi Corporation AX500 Datasheet HTML 164Page - Microsemi Corporation AX500 Datasheet HTML 165Page - Microsemi Corporation AX500 Datasheet HTML 166Page - Microsemi Corporation AX500 Datasheet HTML 167Page - Microsemi Corporation AX500 Datasheet HTML 168Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 262 page
background image
Package Pin Assignments
3- 38
R e v i sio n 1 8
FG676
AX500 Function
Pin
Number
Bank 0
IO00NB0F0
F8
IO00PB0F0
E8
IO01NB0F0
A5
IO01PB0F0
A4
IO02NB0F0
E7
IO02PB0F0
E6
IO03NB0F0
D6
IO03PB0F0
D5
IO04NB0F0
B5
IO04PB0F0
C5
IO05NB0F0
B6
IO05PB0F0
C6
IO06NB0F0
C7
IO06PB0F0
D7
IO07NB0F0
A7
IO07PB0F0
A6
IO08NB0F0
C8
IO08PB0F0
D8
IO09NB0F0
F10
IO09PB0F0
F9
IO10NB0F0
B8
IO10PB0F0
B7
IO11NB0F0
D10
IO11PB0F0
E10
IO12NB0F1
B9
IO12PB0F1
C9
IO13NB0F1
F11
IO13PB0F1
G11
IO14NB0F1
D11
IO14PB0F1
E11
IO15NB0F1
B10
IO15PB0F1
C10
IO16NB0F1
A10
IO16PB0F1
A9
IO17NB0F1
F12
IO17PB0F1
G12
IO18NB0F1
C12
IO18PB0F1
C11
IO19NB0F1/HCLKAN
A12
IO19PB0F1/HCLKAP
B12
IO20NB0F1/HCLKBN
C13
IO20PB0F1/HCLKBP
B13
Bank 1
IO21NB1F2/HCLKCN
C15
IO21PB1F2/HCLKCP
C14
IO22NB1F2/HCLKDN
A15
IO22PB1F2/HCLKDP
B15
IO23NB1F2
F15
IO23PB1F2
G15
IO24NB1F2
B16
IO24PB1F2
A16
IO25NB1F2
A18
IO25PB1F2
A17
IO26NB1F2
D16
IO26PB1F2
E16
IO27NB1F2
F16
IO27PB1F2
G16
IO28NB1F2
C18
IO28PB1F2
C17
IO29NB1F2
B19
IO29PB1F2
B18
IO30NB1F2
D19
IO30PB1F2
C19
IO31NB1F2
F17
IO31PB1F2
E17
IO32NB1F3
B20
IO32PB1F3
A20
IO33NB1F3
B22
IO33PB1F3
B21
FG676
AX500 Function
Pin
Number
IO34NB1F3
D20
IO34PB1F3
C20
IO35NB1F3
D21
IO35PB1F3
C21
IO36NB1F3
D22
IO36PB1F3
C22
IO37NB1F3
F19
IO37PB1F3
E19
IO38NB1F3
B23
IO38PB1F3
A23
IO39NB1F3
E21
IO39PB1F3
E20
IO40NB1F3
D23
IO40PB1F3
C23
IO41NB1F3
D25
IO41PB1F3
C25
Bank 2
IO42NB2F4
G24
IO42PB2F4
G23
IO43NB2F4
G26
IO43PB2F4
F26
IO44NB2F4
F25
IO44PB2F4
E25
IO45NB2F4
J21
IO45PB2F4
J22
IO46NB2F4
H25
IO46PB2F4
G25
IO47NB2F4
K23
IO47PB2F4
J23
IO48NB2F4
J24
IO48PB2F4
H24
IO49NB2F4
K21
IO49PB2F4
K22
IO50NB2F4
K25
IO50PB2F4
J25
FG676
AX500 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More