Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 254 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 254 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 250Page - Microsemi Corporation AX500 Datasheet HTML 251Page - Microsemi Corporation AX500 Datasheet HTML 252Page - Microsemi Corporation AX500 Datasheet HTML 253Page - Microsemi Corporation AX500 Datasheet HTML 254Page - Microsemi Corporation AX500 Datasheet HTML 255Page - Microsemi Corporation AX500 Datasheet HTML 256Page - Microsemi Corporation AX500 Datasheet HTML 257Page - Microsemi Corporation AX500 Datasheet HTML 258Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 262 page
background image
Package Pin Assignments
3- 12 8
R ev isio n 1 8
VCCIB2
D23
VCCIB2
E22
VCCIB2
K17
VCCIB2
L17
VCCIB2
M16
VCCIB3
AA22
VCCIB3
AB23
VCCIB3
AC24
VCCIB3
AC25
VCCIB3
P16
VCCIB3
R17
VCCIB3
T17
VCCIB4
AB21
VCCIB4
AC22
VCCIB4
AD23
VCCIB4
AE23
VCCIB4
T14
VCCIB4
U15
VCCIB4
U16
VCCIB5
AB5
VCCIB5
AC4
VCCIB5
AD3
VCCIB5
AE3
VCCIB5
T12
VCCIB5
U10
VCCIB5
U11
VCCIB6
AA4
VCCIB6
AB3
VCCIB6
AC1
VCCIB6
AC2
VCCIB6
P10
VCCIB6
R9
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.
VCCIB6
T9
VCCIB7
C1
VCCIB7
C2
VCCIB7
D3
VCCIB7
E4
VCCIB7
K9
VCCIB7
L9
VCCIB7
M10
VCCPLA
E12
VCCPLB
J12
VCCPLC
E14
VCCPLD
H14
VCCPLE
Y14
VCCPLF
U14
VCCPLG
Y12
VCCPLH
U12
VCOMPLA
F12
VCOMPLB
H12
VCOMPLC
F14
VCOMPLD
J14
VCOMPLE
AA14
VCOMPLF
V14
VCOMPLG
AA12
VCOMPLH
V12
VPUMP
E20
CG624
AX2000 Function
Pin
Number
Note:
*Not routed on the same
package layer and to adjacent
LGA pads as its differential
pair complement.
Recommended to be used as
a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More