| Moteur de recherche de fiches techniques de composants électroniques |
|
AGLP060 Fiches technique(PDF) 110 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AGLP060 Fiches technique(HTML) 110 Page - Microsemi Corporation |
|
110 / 134 page ![]() Package Pin Assignments 4-10 Revision 16 CS201 Pin Number AGLP060 Function A1 IO150RSB3 A2 GAA0/IO00RSB0 A3 GAC0/IO04RSB0 A4 IO08RSB0 A5 IO11RSB0 A6 IO15RSB0 A7 IO17RSB0 A8 IO18RSB0 A9 IO22RSB0 A10 IO26RSB0 A11 IO29RSB0 A12 GBC1/IO31RSB0 A13 GBA2/IO36RSB1 A14 IO41RSB1 A15 NC B1 IO151RSB3 B2 GAB2/IO154RSB3 B3 IO06RSB0 B4 IO09RSB0 B5 IO13RSB0 B6 IO10RSB0 B7 IO12RSB0 B8 IO20RSB0 B9 IO23RSB0 B10 IO25RSB0 B11 IO24RSB0 B12 IO27RSB0 B13 IO37RSB1 B14 IO46RSB1 B15 IO42RSB1 C1 IO155RSB3 C2 GAA2/IO156RSB3 C3 GND C4 GAA1/IO01RSB0 C5 GAB1/IO03RSB0 C6 IO07RSB0 C7 IO16RSB0 C8 IO21RSB0 C9 IO28RSB0 C10 GBB1/IO33RSB0 C11 GBA1/IO35RSB0 C12 GBB2/IO38RSB1 C13 GND C14 IO48RSB1 C15 IO39RSB1 D1 IO146RSB3 D2 IO144RSB3 D3 IO148RSB3 D4 GND D5 GAB0/IO02RSB0 D6 GAC1/IO05RSB0 D7 IO14RSB0 D8 IO19RSB0 D9 GBC0/IO30RSB0 D10 GBB0/IO32RSB0 D11 GBA0/IO34RSB0 D12 GND D13 GBC2/IO40RSB1 D14 IO51RSB1 D15 IO44RSB1 E1 IO142RSB3 E2 IO149RSB3 E3 IO153RSB3 E4 GAC2/IO152RSB3 E12 IO43RSB1 E13 IO49RSB1 E14 GCC0/IO53RSB1 E15 GCB0/IO55RSB1 F1 IO141RSB3 F2 GFC1/IO140RSB3 CS201 Pin Number AGLP060 Function F3 IO145RSB3 F4 IO147RSB3 F6 GND F7 VCC F8 VCCIB0 F9 VCCIB0 F10 VCCIB0 F12 IO47RSB1 F13 IO45RSB1 F14 GCC1/IO52RSB1 F15 GCA1/IO56RSB1 G1* VCOMPLF G2 GFB0/IO137RSB3 G3 GFC0/IO139RSB3 G4 IO143RSB3 G6 VCCIB3 G7 GND G8 VCC G9 GND G10 GND G12 IO50RSB1 G13 GCB1/IO54RSB1 G14 GCC2/IO60RSB1 G15 GCA2/IO58RSB1 H1* VCCPLF H2 GFA1/IO136RSB3 H3 GFB1/IO138RSB3 H4 NC H6 VCCIB3 H7 GND H8 VCC H9 GND H10 VCCIB1 H12 GCB2/IO59RSB1 H13 GCA0/IO57RSB1 CS201 Pin Number AGLP060 Function Note: *Pin numbers G1 and H1 must be connected to ground because a PLL is not supported for AGLP060-CS/G201. |