| Moteur de recherche de fiches techniques de composants électroniques |
|
B2000T Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
B2000T Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 2 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. “Telefuse” is a trademark of Bourns, Inc. Packaging Specifications Telefuse ™ SMD Power Cross Protection Fuse REV. 01/09 330 (12.992) 2.0 ± 0.1 (.079 ± .004) 0.40 ± 0.05 (.016 ± .002) 1.55 ± 0.05 (.061 ± .002) DIA. 1.6 ± 0.05 (.063 ± .002) DIA. 0.3 (.012) TYP. R 1.6 (.063) 20 (.787) 2.2 (.087) 13.0 (.512) DIA. 55.0 (2.165) DIA. DIA. 21.0 (.827) DIA. 1.75 ± 0.1 (.069 ± .004) 7.50 ± 0.1 (.295 ± .004) 16.0 ± 0.3 (.630 ± .012) 10.0 ± 0.1 (.394 ± .004) 3 ° REF. 4.0 ± 0.1 (.157 ± .004) 8.0 ± 0.1 (.315 ± .004) 3.50 ± 0.1 (.138 ± .004) 3.50 ± 0.1 (.138 ± .004) CL CL DIMENSIONS: MM (INCHES) |