| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16 Fiches technique(PDF) 177 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16 Fiches technique(HTML) 177 Page - Microchip Technology |
|
177 / 418 page ![]() 2011-2013 Microchip Technology Inc. DS40001609C-page 177 PIC16(L)F1508/9 20.0 TIMER2 MODULE The Timer2 module incorporates the following features: • 8-bit Timer and Period registers (TMR2 and PR2, respectively) • Readable and writable (both registers) • Software programmable prescaler (1:1, 1:4, 1:16, and 1:64) • Software programmable postscaler (1:1 to 1:16) • Interrupt on TMR2 match with PR2 See Figure 20-1 for a block diagram of Timer2. FIGURE 20-1: TIMER2 BLOCK DIAGRAM FIGURE 20-2: TIMER2 TIMING DIAGRAM Prescaler 1:1, 1:4, 1:16, 1:64 Fosc/4 2 T2CKPS<1:0> Comparator Postscaler 1:1 to 1:16 4 T2OUTPS<3:0> set bit TMR2IF TMR2 R PR2 T2_match To Peripherals Rev. 10-000019A 7/30/2013 0x03 0x00 0x01 0x02 0x03 0x00 0x01 0x02 1:4 Pulse Width (1) Note 1: The Pulse Width of T2_match is equal to the scaled input of TMR2. FOSC/4 Prescale PR2 TMR2 T2_match Rev. 10-000020A 7/30/2013 |