| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16 Fiches technique(PDF) 130 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16 Fiches technique(HTML) 130 Page - Microchip Technology |
|
130 / 418 page ![]() PIC16(L)F1508/9 DS40001609C-page 130 2011-2013 Microchip Technology Inc. TABLE 13-1: PERIPHERALS REQUIRING THE FIXED VOLTAGE REFERENCE (FVR) Peripheral Conditions Description HFINTOSC FOSC<2:0> = 010 and IRCF<3:0> = 000x INTOSC is active and device is not in Sleep. BOR BOREN<1:0> = 11 BOR always enabled. BOREN<1:0> = 10 and BORFS = 1 BOR disabled in Sleep mode, BOR Fast Start enabled. BOREN<1:0> = 01 and BORFS = 1 BOR under software control, BOR Fast Start enabled. LDO All PIC16F1508/9 devices, when VREGPM = 1 and not in Sleep The device runs off of the Low-Power Regulator when in Sleep mode. |