| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16 Fiches technique(PDF) 105 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16 Fiches technique(HTML) 105 Page - Microchip Technology |
|
105 / 418 page ![]() 2011-2013 Microchip Technology Inc. DS40001609C-page 105 PIC16(L)F1508/9 10.5 Write Verify It is considered good programming practice to verify that program memory writes agree with the intended value. Since program memory is stored as a full page then the stored program memory contents are compared with the intended data stored in RAM after the last write is complete. FIGURE 10-8: FLASH PROGRAM MEMORY VERIFY FLOWCHART Start Verify Operation This routine assumes that the last rowofdatawrittenwas from an image saved on RAM. This image will be used to verify the data currently stored in Flash Program Memory Fail Verify Operation Last word ? PMDAT = RAM image ? Read Operation (See Note 1) End Verify Operation No No Yes Yes Rev. 10-000051A 7/30/2013 Note 1: See Figure 10-2. |