| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F4680IPTSQTP Fiches technique(PDF) 173 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680IPTSQTP Fiches technique(HTML) 173 Page - Microchip Technology |
|
173 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 171 PIC18F2585/2680/4585/4680 TABLE 15-5: REGISTERS ASSOCIATED WITH PWM AND TIMER2 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 49 RCON IPEN SBOREN(2) — RI TO PD POR BOR 50 PIR1 PSPIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 52 PIE1 PSPIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 52 IPR1 PSPIP ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 52 TRISB PORTB Data Direction Register 52 TRISC PORTC Data Direction Register 52 TMR2 Timer2 Module Register 50 PR2 Timer2 Module Period Register 50 T2CON — T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0 50 CCPR1L(1) Capture/Compare/PWM Register 1 (LSB) 51 CCPR1H(1) Capture/Compare/PWM Register 1 (MSB) 51 CCP1CON — — DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 51 ECCPR1L(1) Enhanced Capture/Compare/PWM Register 1 (LSB) 51 ECCPR1H(1) Enhanced Capture/Compare/PWM Register 1 (MSB) 51 ECCP1CON(1) EPWM1M1 EPWM1M0 EDC1B1 EDC1B0 ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0 51 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PWM or Timer2. Note 1: These registers are unimplemented on PIC18F2X8X devices. 2: The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. |