| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18F4680IPTSQTP Fiches technique(PDF) 162 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680IPTSQTP Fiches technique(HTML) 162 Page - Microchip Technology |
|
162 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 160 Preliminary © 2007 Microchip Technology Inc. 14.1 Timer3 Operation Timer3 can operate in one of three modes: •Timer • Synchronous Counter • Asynchronous Counter The operating mode is determined by the clock select bit, TMR3CS (T3CON<1>). When TMR3CS is cleared (= 0), Timer3 increments on every internal instruction cycle (FOSC/4). When the bit is set, Timer3 increments on every rising edge of the Timer1 external clock input or the Timer1 oscillator if enabled. As with Timer1, the RC1/T1OSI and RC0/T1OSO/ T13CKI pins become inputs when the Timer1 oscillator is enabled. This means the values of TRISC<1:0> are ignored and the pins are read as ‘0’. FIGURE 14-1: TIMER3 BLOCK DIAGRAM FIGURE 14-2: TIMER3 BLOCK DIAGRAM (16-BIT READ/WRITE MODE) T3SYNC TMR3CS T3CKPS1:T3CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T1OSO/T13CKI T1OSI 1 0 TMR3ON TMR3L Set TMR3IF on Overflow TMR3 High Byte Timer1 Oscillator Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off to eliminate power drain. On/Off Timer3 CCP1/ECCP1 Special Event Trigger TCCPx Clear TMR3 T3SYNC TMR3CS T3CKPS1:T3CKPS0 Sleep Input T1OSCEN(1) FOSC/4 Internal Clock Prescaler 1, 2, 4, 8 Synchronize Detect 1 0 2 T1OSO/T13CKI T1OSI Note 1: When enable bit T1OSCEN is cleared, the inverter and feedback resistor are turned off to eliminate power drain. 1 0 TMR3L Internal Data Bus 8 Set TMR3IF on Overflow TMR3 TMR3H High Byte 8 8 8 Read TMR1L Write TMR1L 8 TMR3ON CCP1/ECCP1 Special Event Trigger Timer1 Oscillator On/Off Timer3 Timer1 clock input TCCPx Clear TMR3 |