Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F635ESS Fiches technique(PDF) 213 Page - Microchip Technology

No de pièce PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Fiches technique(HTML) 213 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 209Page - Microchip Technology PIC12F635ESS Datasheet HTML 210Page - Microchip Technology PIC12F635ESS Datasheet HTML 211Page - Microchip Technology PIC12F635ESS Datasheet HTML 212Page - Microchip Technology PIC12F635ESS Datasheet HTML 213Page - Microchip Technology PIC12F635ESS Datasheet HTML 214Page - Microchip Technology PIC12F635ESS Datasheet HTML 215Page - Microchip Technology PIC12F635ESS Datasheet HTML 216Page - Microchip Technology PIC12F635ESS Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 211
PIC12F635/PIC16F636/639
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
*
Standard PIC device marking consists of Microchip part number, year code, week code and traceability
code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
017
Example
12F635/P
0610
8-Lead SOIC
XXXXXXXX
XXXXYYWW
NNN
Example
12F635/
SN
0610
017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXX
8-Lead DFN (4x4x0.9 mm)
XXXXXX
YYWW
NNN
PIC12F
Example
635/MF
0610
017
XXXXXXX
8-Lead DFN-S (6x5 mm)
XXXXXXX
XXYYWW
NNN
PICXXF
Example
XXX-I/
MF0610
017
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More