| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8548ECPXATHC Fiches technique(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECPXATHC Fiches technique(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 Freescale Semiconductor 115 Package Description MDIC[0:1] A19, B19 I/O GVDD 36 Local Bus Controller Interface LAD[0:31] E27, B20, H19, F25, A20, C19, E28, J23, A25, K22, B28, D27, D19, J22, K20, D28, D25, B25, E22, F22, F21, C25, C22, B23, F20, A23, A22, E19, A21, D21, F19, B21 I/O BVDD — LDP[0:3] K21, C28, B26, B22 I/O BVDD — LA[27] H21 O BVDD 5, 9 LA[28:31] H20, A27, D26, A28 O BVDD 5, 7, 9 LCS[0:4] J25, C20, J24, G26, A26 O BVDD — LCS5/DMA_DREQ2 D23 I/O BVDD 1 LCS6/DMA_DACK2 G20 O BVDD 1 LCS7/DMA_DDONE2 E21 O BVDD 1 LWE0/LBS0/LSDDQM[0] G25 O BVDD 5, 9 LWE1/LBS1/LSDDQM[1] C23 O BVDD 5, 9 LWE2/LBS2/LSDDQM[2] J21 O BVDD 5, 9 LWE3/LBS3/LSDDQM[3] A24 O BVDD 5, 9 LALE H24 O BVDD 5, 8, 9 LBCTL G27 O BVDD 5, 8, 9 LGPL0/LSDA10 F23 O BVDD 5, 9 LGPL1/LSDWE G22 O BVDD 5, 9 LGPL2/LOE/LSDRAS B27 O BVDD 5, 8, 9 LGPL3/LSDCAS F24 O BVDD 5, 9 LGPL4/LGTA/LUPWAIT/LPBSE H23 I/O BVDD — LGPL5 E26 O BVDD 5, 9 LCKE E24 O BVDD — LCLK[0:2] E23, D24, H22 O BVDD — LSYNC_IN F27 I BVDD — LSYNC_OUT F28 O BVDD — DMA DMA_DACK[0:1] AD3, AE1 O OVDD 5, 9, 106 DMA_DREQ[0:1] AD4, AE2 I OVDD — DMA_DDONE[0:1] AD2, AD1 O OVDD — Programmable Interrupt Controller Table 73. MPC8545E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |