Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8548ECHXATHC Fiches technique(PDF) 116 Page - Freescale Semiconductor, Inc

No de pièce MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Fiches technique(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
116
Freescale Semiconductor
Package Description
UDE
AH16
I
OVDD
—
MCP
AG19
I
OVDD
—
IRQ[0:7]
AG23, AF18, AE18, AF20, AG18, AF17, AH24,
AE20
IOVDD
—
IRQ[8]
AF19
I
OVDD
—
IRQ[9]/DMA_DREQ3
AF21
I
OVDD
1
IRQ[10]/DMA_DACK3
AE19
I/O
OVDD
1
IRQ[11]/DMA_DDONE3
AD20
I/O
OVDD
1
IRQ_OUT
AD18
O
OVDD
2, 4
Ethernet Management Interface
EC_MDC
AB9
O
OVDD
5, 9
EC_MDIO
AC8
I/O
OVDD
—
Gigabit Reference Clock
EC_GTX_CLK125
V11
I
LVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_RXD[7:0]
R5, U1, R3, U2, V3, V1, T3, T2
I
LVDD
—
TSEC1_TXD[7:0]
T10, V7, U10, U5, U4, V6, T5, T8
O
LVDD
5, 9
TSEC1_COL
R4
I
LVDD
—
TSEC1_CRS
V5
I/O
LVDD
20
TSEC1_GTX_CLK
U7
O
LVDD
—
TSEC1_RX_CLK
U3
I
LVDD
—
TSEC1_RX_DV
V2
I
LVDD
—
TSEC1_RX_ER
T1
I
LVDD
—
TSEC1_TX_CLK
T6
I
LVDD
—
TSEC1_TX_EN
U9
O
LVDD
30
TSEC1_TX_ER
T7
O
LVDD
—
GPIN[0:7]
P2, R2, N1, N2, P3, M2, M1, N3
I
LVDD
103
GPOUT[0:5]
N9, N10, P8, N7, R9, N5
O
LVDD
—
cfg_dram_type0/GPOUT6
R8
O
LVDD
5, 9
GPOUT7
N6
O
LVDD
—
Reserved
P1
—
—
104
Reserved
R6
—
—
104
Reserved
P6
—
—
15
Reserved
N4
—
—
105
Table 73. MPC8545E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More