| Moteur de recherche de fiches techniques de composants électroniques |
|
GRM552B11H102KA01D Fiches technique(PDF) 105 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRM552B11H102KA01D Fiches technique(HTML) 105 Page - Murata Manufacturing Co., Ltd. |
|
105 / 221 page ![]() 103 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. The part number code is shown in ( ) and Unit is shown in [ ]. < >: EIA [inch] Code LxW [mm] Rated Volt. [Vdc] Capacitance Tolerance Part Number 250( 2E) GQM1875C2E5R1CB12D GQM1875C2E5R1DB12D GQM1875C2E5R6CB12D GQM1875C2E5R6DB12D GQM1875C2E6R0CB12D GQM1875C2E6R0DB12D GQM1875C2E6R2CB12D GQM1875C2E6R2DB12D GQM1875C2E6R8CB12D GQM1875C2E6R8DB12D GQM1875C2E7R0CB12D GQM1875C2E7R0DB12D GQM1875C2E7R5CB12D GQM1875C2E7R5DB12D GQM1875C2E8R0CB12D GQM1875C2E8R0DB12D GQM1875C2E8R2CB12D GQM1875C2E8R2DB12D GQM1875C2E9R0CB12D GQM1875C2E9R0DB12D GQM1875C2E9R1CB12D GQM1875C2E9R1DB12D GQM1875C2E100GB12D GQM1875C2E100JB12D GQM1875C2E110GB12D GQM1875C2E110JB12D GQM1875C2E120GB12D GQM1875C2E120JB12D GQM1875C2E130GB12D GQM1875C2E130JB12D GQM1875C2E150GB12D GQM1875C2E150JB12D GQM1875C2E160GB12D GQM1875C2E160JB12D GQM1875C2E180GB12D GQM1875C2E180JB12D GQM1875C2E200GB12D GQM1875C2E200JB12D GQM1875C2E220GB12D GQM1875C2E220JB12D GQM1875C2E240GB12D GQM1875C2E240JB12D GQM1875C2E270GB12D GQM1875C2E270JB12D GQM1875C2E300GB12D GQM1875C2E300JB12D 100( 2A) GQM1885C2A5R1CB01D GQM1885C2A5R1DB01D GQM1885C2A5R6CB01D GQM1885C2A5R6DB01D GQM1885C2A6R0CB01D GQM1885C2A6R0DB01D GQM1885C2A6R2CB01D GQM1885C2A6R2DB01D GQM1885C2A6R8CB01D GQM1885C2A6R8DB01D 50( 1H) GQM1885C1H7R0CB01D GQM1885C1H7R0DB01D GQM1885C1H7R5CB01D GQM1885C1H7R5DB01D GQM1885C1H8R0CB01D GQM1885C1H8R0DB01D GQM1885C1H8R2CB01D GQM1885C1H8R2DB01D GQM1885C1H9R0CB01D GQM1885C1H9R0DB01D GQM1885C1H9R1CB01D GQM1885C1H9R1DB01D GQM1885C1H100GB01D GQM1885C1H100JB01D GQM1885C1H110GB01D GQM1885C1H110JB01D GQM1885C1H120GB01D GQM1885C1H120JB01D GQM1885C1H130GB01D GQM1885C1H130JB01D GQM1885C1H150GB01D GQM1885C1H150JB01D GQM1885C1H160GB01D GQM1885C1H160JB01D GQM1885C1H180GB01D GQM1885C1H180JB01D GQM1885C1H200GB01D GQM1885C1H200JB01D GQM1885C1H220GB01D GQM1885C1H220JB01D GQM1885C1H240GB01D GQM1885C1H240JB01D GQM1885C1H270GB01D GQM1885C1H270JB01D GQM1885C1H300GB01D GQM1885C1H300JB01D 1.6x0.8( 18)<0603> 5.1pF( 5R1) 5.6pF( 5R6) 6.0pF( 6R0) 6.2pF( 6R2) 6.8pF( 6R8) 7.0pF( 7R0) 7.5pF( 7R5) 8.0pF( 8R0) 8.2pF( 8R2) 9.0pF( 9R0) 9.1pF( 9R1) 10pF( 100) 11pF( 110) 12pF( 120) 13pF( 130) 15pF( 150) 16pF( 160) 18pF( 180) 20pF( 200) 22pF( 220) 24pF( 240) 27pF( 270) 30pF( 300) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±0.25pF(C) ±0.5pF(D) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) ±2%(G) ±5%(J) Temperature Compensating Type C0G(5C) Characteristics • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |