Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS101TE/ML Fiches technique(PDF) 155 Page - Microchip Technology

No de pièce DSPIC33FJ06GS101TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/ML Fiches technique(HTML) 155 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/ML Datasheet HTML 151Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 152Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 153Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 154Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 155Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 156Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 157Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 158Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 153
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 9-6:
PMD7: PERIPHERAL MODULE DISABLE CONTROL REGISTER 7
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
CMP4MD
CMP3MD
CMP2MD
CMP1MD
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented:
Read as ‘0’
bit 11
CMP4MD
: Analog Comparator 4 Module Disable bit
1
= Analog Comparator 4 module is disabled
0
= Analog Comparator 4 module is enabled
bit 10
CMP3MD
: Analog Comparator 3 Module Disable bit
1
= Analog Comparator 3 module is disabled
0
= Analog Comparator 3 module is enabled
bit 9
CMP2MD
: Analog Comparator 2 Module Disable bit
1
= Analog Comparator 2 module is disabled
0
= Analog Comparator 2 module is enabled
bit 8
CMP1MD
: Analog Comparator 1 Module Disable bit
1
= Analog Comparator 1 module is disabled
0
= Analog Comparator 1 module is enabled
bit 7-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More