| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ06GS201TE/SP Fiches technique(PDF) 133 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TE/SP Fiches technique(HTML) 133 Page - Microchip Technology |
|
133 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 131 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 REGISTER 7-34: IPC29: INTERRUPT PRIORITY CONTROL REGISTER 29 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-1 R/W-0 R/W-0 — — — — — ADCP6IP<2:0>(1) bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 Unimplemented: Read as ‘0’ bit 2-0 ADCP6IP<2:0>: ADC Pair 6 Conversion Done Interrupt 1 Priority bits(1) 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled Note 1: These bits are not implemented in dsPIC33FJ06GS202 devices. |