Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC33FJ06GS101TE/SP Fiches technique(PDF) 110 Page - Microchip Technology

No de pièce DSPIC33FJ06GS101TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/SP Fiches technique(HTML) 110 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/SP Datasheet HTML 106Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 107Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 108Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 109Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 110Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 111Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 112Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 113Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 108
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 7-9:
IFS5: INTERRUPT FLAG STATUS REGISTER 5
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
PWM2IF(1)
PWM1IF
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PWM2IF:
PWM2 Interrupt Flag Status bit(1)
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 14
PWM1IF:
PWM1 Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 13-0
Unimplemented:
Read as ‘0’
Note 1:
This bit is not implemented in dsPIC33FJ06GS101/102 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More