| Moteur de recherche de fiches techniques de composants électroniques |
|
DOC7707 Fiches technique(PDF) 290 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DOC7707 Fiches technique(HTML) 290 Page - List of Unclassifed Manufacturers |
|
290 / 307 page ![]() 290 7707F–AVR–11/10 AT90USB82/162 (0x7C) Reserved - - - - - - - - (0x7B) Reserved - - - - - - - - (0x7A) Reserved - - - - - - - - (0x79) Reserved - - - - - - - - (0x78) Reserved - - - - - - - - (0x77) Reserved - - - - - - - - (0x76) Reserved - - - - - - - - (0x75) Reserved - - - - - - - - (0x74) Reserved - - - - - - - - (0x73) Reserved - - - - - - - - (0x72) Reserved - - - - - - - - (0x71) Reserved - - - - - - - - (0x70) Reserved - - - - - - - - (0x6F) TIMSK1 - -ICIE1 - OCIE1C OCIE1B OCIE1A TOIE1 (0x6E) TIMSK0 - - - - - OCIE0B OCIE0A TOIE0 (0x6D) Reserved - - - - - - - - (0x6C) PCMSK1 - - - PCINT12 PCINT11 PCINT10 PCINT9 PCINT8 (0x6B) PCMSK0 PCINT7 PCINT6 PCINT5 PCINT4 PCINT3 PCINT2 PCINT1 PCINT0 (0x6A) EICRB ISC71 ISC70 ISC61 ISC60 ISC51 ISC50 ISC41 ISC40 (0x69) EICRA ISC31 ISC30 ISC21 ISC20 ISC11 ISC10 ISC01 ISC00 (0x68) PCICR - - - - - -PCIE1 PCIE0 (0x67) Reserved - - - - - - - - (0x66) OSCCAL Oscillator Calibration Register (0x65) PRR1 PRUSB - - - - - - PRUSART1 (0x64) PRR0 - -PRTIM0 -PRTIM1 PRSPI - - (0x63) REGCR - - - - - - -REGDIS (0x62) WDTCKD - - - - WDEWIF WDEWIE WCLKD1 WCLKD0 (0x61) CLKPR CLKPCE - - - CLKPS3 CLKPS2 CLKPS1 CLKPS0 (0x60) WDTCSR WDIF WDIE WDP3 WDCE WDE WDP2 WDP1 WDP0 0x3F (0x5F) SREG I T H S V N Z C 0x3E (0x5E) SPH SP15 SP14 SP13 SP12 SP11 SP10 SP9 SP8 0x3D (0x5D) SPL SP7 SP6 SP5 SP4 SP3 SP2 SP1 SP0 0x3C (0x5C) Reserved - - - - - - - - 0x3B (0x5B) Reserved - - - - - - - - 0x3A (0x5A) Reserved - - - - - - - - 0x39 (0x59) Reserved - - - - - - - - 0x38 (0x58) Reserved - - - - - - - - 0x37 (0x57) SPMCSR SPMIE RWWSB SIGRD RWWSRE BLBSET PGWRT PGERS SPMEN 0x36 (0x56) Reserved - - - - - - - - 0x35 (0x55) MCUCR - - - - - - IVSEL IVCE 0x34 (0x54) MCUSR - - USBRF - WDRF BORF EXTRF PORF 0x33 (0x53) SMCR - - - - SM2 SM1 SM0 SE 0x32 (0x52) Reserved - - - - - - - - 0x31 (0x51) DWDR debugWIRE Data Register 0x30 (0x50) ACSR ACD ACBG ACO ACI ACIE ACIC ACIS1 ACIS0 0x2F (0x4F) Reserved - - - - - - - - 0x2E (0x4E) SPDR SPI Data Register 0x2D (0x4D) SPSR SPIF WCOL - - - - - SPI2X 0x2C (0x4C) SPCR SPIE SPE DORD MSTR CPOL CPHA SPR1 SPR0 0x2B (0x4B) GPIOR2 General Purpose I/O Register 2 0x2A (0x4A) GPIOR1 General Purpose I/O Register 1 0x29 (0x49) PLLCSR - - - PLLP2 PLLP1 PLLP0 PLLE PLOCK 0x28 (0x48) OCR0B Timer/Counter0 Output Compare Register B 0x27 (0x47) OCR0A Timer/Counter0 Output Compare Register A 0x26 (0x46) TCNT0 Timer/Counter0 (8 Bit) 0x25 (0x45) TCCR0B FOC0A FOC0B - - WGM02 CS02 CS01 CS00 0x24 (0x44) TCCR0A COM0A1 COM0A0 COM0B1 COM0B0 - -WGM01 WGM00 0x23 (0x43) GTCCR TSM - - - - - PSRASY PSRSYNC 0x22 (0x42) EEARH - - - - EEPROM Address Register High Byte 0x21 (0x41) EEARL EEPROM Address Register Low Byte 0x20 (0x40) EEDR EEPROM Data Register 0x1F (0x3F) EECR - - EEPM1 EEPM0 EERIE EEMPE EEPE EERE 0x1E (0x3E) GPIOR0 General Purpose I/O Register 0 0x1D (0x3D) EIMSK INT7 INT6 INT5 INT4 INT3 INT2 INT1 INT0 0x1C (0x3C) EIFR INTF7 INTF6 INTF5 INTF4 INTF3 INTF2 INTF1 INTF0 0x1B (0x3B) PCIFR - - - - - -PCIF1 PCIF0 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Page |